전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q62703-Q2289 데이터시트(PDF) 4 Page - Siemens Semiconductor Group

부품명 Q62703-Q2289
상세설명  Super TOPLED High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q2289 데이터시트(HTML) 4 Page - Siemens Semiconductor Group

  Q62703-Q2289 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
Kennwerte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 10 mA
λ
peak
635
610
586
565
557
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 10 mA
λ
dom
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
(typ.)
I
F = 10 mA
λ
45
40
45
25
22
nm
Abstrahlwinkel bei 50 %
I
v (Vollwinkel)
Viewing angle at 50 %
I
v
2
ϕ
120
120
120
120
120
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 50 mA
V
F
V
F
2.0
3.8
2.1
3.8
2.2
3.8
2.6
3.8
2.6
3.8*)
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
40
35
35
60
80
pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
350
200
500
250
350
200
500
250
500
250
ns
ns
*)
V
F max = 3.2 V as of Febr. 97
LS T672, LO T672, LY T672
LG T672, LP T672


유사한 부품 번호 - Q62703-Q2289

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q62703-Q2282 SIEMENS-Q62703-Q2282 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
Q62703-Q2288 SIEMENS-Q62703-Q2288 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
More results

유사한 설명 - Q62703-Q2289

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LST672 OSRAM-LST672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
logo
Siemens Semiconductor G...
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LOYT672 SIEMENS-LOYT672 Datasheet
467Kb / 8P
   Super Multi TOPLED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
logo
Marktech Corporate
LP6-TPP1-01 MARKTECH-LP6-TPP1-01 Datasheet
117Kb / 4P
   RGB TOPLED LED
LM1-TPP1-01 MARKTECH-LM1-TPP1-01 Datasheet
260Kb / 4P
   Cotco RGB TOPLED LED
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com