전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q62703-Q2289 데이터시트(PDF) 7 Page - Siemens Semiconductor Group

부품명 Q62703-Q2289
부품 상세설명  Super TOPLED High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q2289 데이터시트(HTML) 7 Page - Siemens Semiconductor Group

  Q62703-Q2289 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q2289 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Semiconductor Group
7
LS T672, LO T672, LY T672
LG T672, LP T672
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 10 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 50 mA
Dominantwellenlänge
λ
dom = f (TA)
Dominat wavelength
I
F = 10 mA
Relative Lichtstärke
I
V / IV(25 ˚C) = f (TA)
Relative luminous intensity
I
F = 50 mA


유사한 부품 번호 - Q62703-Q2289

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q62703-Q2282 SIEMENS-Q62703-Q2282 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
Q62703-Q2288 SIEMENS-Q62703-Q2288 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
More results

유사한 설명 - Q62703-Q2289

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
LST672 OSRAM-LST672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
Siemens Semiconductor Group
Siemens Semiconductor G...
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LOYT672 SIEMENS-LOYT672 Datasheet
467Kb / 8P
   Super Multi TOPLED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
Marktech Corporate
Marktech Corporate
LP6-TPP1-01 MARKTECH-LP6-TPP1-01 Datasheet
117Kb / 4P
   RGB TOPLED LED
Siemens Semiconductor Group
Siemens Semiconductor G...
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
Marktech Corporate
Marktech Corporate
LM1-TPP1-01 MARKTECH-LM1-TPP1-01 Datasheet
260Kb / 4P
   Cotco RGB TOPLED LED
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz