전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBD1050-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBD1050-HF
상세설명  Chip Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD1050-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CDBD1050-HF Datasheet HTML 1Page - Comchip Technology CDBD1050-HF Datasheet HTML 2Page - Comchip Technology CDBD1050-HF Datasheet HTML 3Page - Comchip Technology CDBD1050-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Chip Schottky Barrier Rectifier
Page 2
QW-JB013
REV:A
Comchip Technology CO., LTD.
RATING AND CHARACTERISTIC CURVES (CDBD1020-HF Thru. CDBD10200-HF)
FIG.1-TYPICAL FORWARD CURRENT DERATING
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.1
1.0
10
100
FIG.4 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
0.01
TJ=75 °C
TJ=25 °C
NUMBER OF CYCLES AT 60Hz
60
30
0
90
150
120
1
10
5
50
100
TJ=25 C
8.3ms Single Half
Sine Wave
JEDEC method
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
1.0
FORWARD VOLTAGE,(V)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
0.1
.01
10
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Pulse Width 300us
1% Duty Cycle
TJ=25 °C
2
4
6
8
10
12
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,( °C)
CURVE


유사한 부품 번호 - CDBD1050-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBD1050-G COMCHIP-CDBD1050-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
More results

유사한 설명 - CDBD1050-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com