전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBM230L-HF 데이터시트(PDF) 1 Page - Comchip Technology

부품명 CDBM230L-HF
상세설명  Low VF SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM230L-HF 데이터시트(HTML) 1 Page - Comchip Technology

  CDBM230L-HF Datasheet HTML 1Page - Comchip Technology CDBM230L-HF Datasheet HTML 2Page - Comchip Technology CDBM230L-HF Datasheet HTML 3Page - Comchip Technology CDBM230L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF SMD Schottky Barrier Rectifiers
Reverse Voltage: 20 to 40 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV:A
Features
Mechanical data
-Case: Mini SMA/SOD-123, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.018 grams
CDBM220L-HF Thru. CDBM240L-HF
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
QW-JL002
Comchip Technology CO., LTD.
Repetitive peak reverse voltage
Continuous reverse voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Forward rectified current
Max. forward voltage at IF=2.0A
Reverse current
O
TA=125
VR= VRRM
C
Max. thermal resistance, junction to
ambient
Diode junction capacitance
Storage temperature
Operating temperature
CDBM220L-HF
Units
Symbol
Parameter
VRRM
VR
VRMS
IFSM
IO
VF
IR
RθJA
CJ
TSTG
TJ
20
20
14
0.38
V
V
V
A
A
V
mA
OC/W
pF
OC
OC
CDBM230L-HF
30
30
21
0.40
50
2.0
1.0
10
70
160
-65 to +175
-55 to +125
Mini SMA/SOD-123
0.154(3.9)
0.138(3.5)
0.012(0.3) Typ.
0.071(1.9)
0.055(1.5)
0.067(1.7)
0.051(1.3)
0.028(0.7) Typ.
0.028(0.7) Typ.
OC
TA= 25
VR= VRRM
0.38
CDBM240L-HF
40
40
28
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Exceeds environmental standard MIL-S-
19500/228.
-Low leakage current.
Halogen free


유사한 부품 번호 - CDBM230L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBM230-G COMCHIP-CDBM230-G Datasheet
95Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM230-HF COMCHIP-CDBM230-HF Datasheet
62Kb / 2P
   SMD Schottky Barrier Rectifiers
More results

유사한 설명 - CDBM230L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM120L-HF COMCHIP-CDBM120L-HF Datasheet
68Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-HF COMCHIP-CDBMT220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com