전자부품 데이터시트 검색엔진 |
|
CDBM240-HF 데이터시트(PDF) 1 Page - Comchip Technology |
|
CDBM240-HF 데이터시트(HTML) 1 Page - Comchip Technology |
1 / 2 page Unit Reverse Voltage: 20 to 100 Volts Forward Current: 2.0 Amp RoHS Device Dimensions in inches and (millimeter) CDBM220-HF Thru CDBM2100-HF Page 1 QW-JB003 SMD Schottky Barrier Rectifiers REV:A Comchip Technology CO., LTD. Mini SMA/SOD-123 0.154(3.9) 0.138(3.5) 0.012(0.3) Typ. 0.071(1.8) 0.055(1.4) 0.126(3.2) 0.110(2.8) 0.067(1.7) 0.051(1.3) 0.035(0.9) Typ. 0.035(0.9) Typ. CDBM CDBM 260-HF CDBM 280-HF 14 20 30 21 30 60 42 60 50 0.5 10 85 160 80 56 80 230-HF Features Mechanical data Molded plastic, JEDEC MiniSMA/SOD-123. -Weight:0.027 gram(approx.). -Batch process design, excellent powe dissipation offers better reverse leakage current and thermal resistance. -Low profile surface mounted application in order to optimize board space. -Tiny plastic SMD package. -Low power loss, high efficiency. -High current capability, low forward voltage dorp. -High surge capability. -Guardring for overvoltage protection. -Ultra high-speed switching. -Silicon epitaxial planarchip, metal silicon junction. -Lead-free parts meet environmental standards of MIL-STD-19500 /228 -Case: -Terminals: Solde plated, solderable per MIL-STD-750, method 2026. -Polarity: Indicated by cathode band. -Mounting position: Any Parameter Symbol CDBM 220-HF 20 CDBM 2100-HF 100 70 100 CDBM 28 40 50 35 50 250-HF CDBM 240-HF 40 Repetitive peak reverse voltage Maximum RMS voltage Continuous reverse voltage Maximum forward voltage @IF=2.0A Forward rectified current VRRM VRMS VR VF IO 0.70 0.50 0.85 2.0 Forward surge current, 8.3ms half sine wave superimposed on rated load (JEDEC method) Typ. thermal resistance, junction to ambient air Typ. diode junction capacitance (Note 1) Operating junction temperature Storage temperature IFSM IR RθJA CJ TJ TSTG Reverse current on VR=VRRM @TA=25 O C @TA=125 O C Note 1: f=1MHz and applied 4V DC reverse voltage. -55 to +125 -55 to +150 -65 to +175 V V V V A A mA pF O C O C O C/W Maximum Ratings (at TA=25°C unless otherwise noted) Halogen free |
유사한 부품 번호 - CDBM240-HF |
|
유사한 설명 - CDBM240-HF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |