전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C0581 데이터시트(PDF) 28 Page - Siemens Semiconductor Group

부품명 Q67120-C0581
상세설명  8-Bit CMOS Single-Chip Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C0581 데이터시트(HTML) 28 Page - Siemens Semiconductor Group

Back Button Q67120-C0581 Datasheet HTML 24Page - Siemens Semiconductor Group Q67120-C0581 Datasheet HTML 25Page - Siemens Semiconductor Group Q67120-C0581 Datasheet HTML 26Page - Siemens Semiconductor Group Q67120-C0581 Datasheet HTML 27Page - Siemens Semiconductor Group Q67120-C0581 Datasheet HTML 28Page - Siemens Semiconductor Group Q67120-C0581 Datasheet HTML 29Page - Siemens Semiconductor Group Q67120-C0581 Datasheet HTML 30Page - Siemens Semiconductor Group Q67120-C0581 Datasheet HTML 31Page - Siemens Semiconductor Group Q67120-C0581 Datasheet HTML 32Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
SAB 80C515A/83C515A-5
Semiconductor Group
27
Timers /Counters
The SAB 80C515A contains three 16-bit timers/counters wich are useful in many applications
for timing and counting. the input clock for wach timer/counter is 1/12 of the oscillator frequency
in the timer operation or can be taken from an external clock source for the counter operation
(maximum count rate is 1/24 of the oscillator frequency).
– Timer/Counter 0 and 1
These timers/counters can operate in four modes:
Mode 0:
8-bit timer/counter with 32:1 prescaler
Mode 1:
16-bit timer/counter
Mode 2:
8-bit timer/counter with 8-bit auto-reload
Mode 3:
Timer/counter 0 is configured as one 8-bit timer/counter and one
8-bit timer; Timer/counter 1 in this mode holds its count.
External inputs INTO and INT1 can be programmed to function as a gate for timer/counters 0
and 1 to facilitate pulse width measurements.
– Timer/Counter 2
Timer/counter 2 of the SAB 80C515A is a 16-bit timer/counter with several additional features.
It offers a 2:1 prescaler, a selectable gate function, and compare, capture and reload functions.
Corresponding to the 16-bit timer register there are four 16-bit capture/compare registers, one
of them can be used to perform a 16-bit reload on a timer overflow or external event. Each of
these registers corresponds to a pin of port 1 for capture input/compare output.
Figure 4 shows a block diagram of timer/counter 2.
Reload
A 16-bit reload can be performed with the 16-bit CRC register consisting of CRCL and CRCH.
There are two modes from which to select:
Mode 0:
Reload is caused by a timer 2 overflow (auto-reload).
Mode 1:
Reload is caused in response to a negative transition at pin T2EX
(P1.5), which can also request an interrupt.


유사한 부품 번호 - Q67120-C0581

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C0508 SIEMENS-Q67120-C0508 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0509 SIEMENS-Q67120-C0509 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0510 SIEMENS-Q67120-C0510 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C0562 SIEMENS-Q67120-C0562 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
More results

유사한 설명 - Q67120-C0581

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com