전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4196 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADF4196
상세설명  Low Phase Noise, Fast Settling, 6 GHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4196 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADF4196 Datasheet HTML 3Page - Analog Devices ADF4196 Datasheet HTML 4Page - Analog Devices ADF4196 Datasheet HTML 5Page - Analog Devices ADF4196 Datasheet HTML 6Page - Analog Devices ADF4196 Datasheet HTML 7Page - Analog Devices ADF4196 Datasheet HTML 8Page - Analog Devices ADF4196 Datasheet HTML 9Page - Analog Devices ADF4196 Datasheet HTML 10Page - Analog Devices ADF4196 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADF4196
Rev. B | Page 7 of 28
Pin No.
Mnemonic
Description
23
RSET
Connecting a resistor between this pin and GND sets the charge pump output current. The nominal voltage bias at
the RSET pin is 0.55 V. The relationship between ICP and RSET is
SET
CP
R
I
25
.
0
=
Therefore, with RSET = 2.4 kΩ, ICP = 104 µA.
24
VP2
Power Supply Pin for the Charge Pump. Nominally 5 V, VP2 should be at the same voltage as VP1. Place a 0.1 µF
decoupling capacitor to the ground plane as close as possible to this pin.
25
AIN−
Negative Input Pin for the Differential Amplifier.
26
CPOUT−
Differential Charge Pump Negative Output Pin. Connect this pin to AIN− and the loop filter.
27
SW2
Fast Lock Switch 2. This switch is closed to SWGND when the SW1/SW2 timeout counter is active.
28
SWGND
Ground for SW1 and SW2 Switches. Connect this pin to the ground plane.
29
SW1
Fast Lock Switch 1. This switch is closed to SWGND when the SW1/SW2 timeout counter is active.
30
CPOUT+
Differential Charge Pump Positive Output Pin. Connect this pin to AIN+ and the loop filter.
31
AIN+
Positive Input Pin for the Differential Amplifier.
32
VP3
Power Supply Pin for the Differential Amplifier. Ranges from 5.0 V to 5.5 V. Place a 0.1 µF decoupling capacitor to
the ground plane as close as possible to this pin. VP3 also requires a 10 µF decoupling capacitor to the ground plane.
EP
Exposed Paddle. The exposed paddle must be connected to the ground plane.


유사한 부품 번호 - ADF4196

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4196 AD-ADF4196 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196BCPZ AD-ADF4196BCPZ Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196BCPZ-RL7 AD-ADF4196BCPZ-RL7 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
More results

유사한 설명 - ADF4196

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4193 AD-ADF4193 Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
logo
Qorvo, Inc
CMD245C4 QORVO-CMD245C4 Datasheet
250Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 QORVO-CMD245 Datasheet
305Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD245C4 MMIC-CMD245C4 Datasheet
255Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
CMD245 MMIC-CMD245 Datasheet
310Kb / 10P
   6-18 GHz Low Phase Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-C072 HITTITE-HMC-C072_10 Datasheet
339Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
HMC-C072 HITTITE-HMC-C072 Datasheet
336Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER, 6 - 12 GHz
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
   GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com