전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1047 데이터시트(PDF) 71 Page - Analog Devices

부품명 ADP1047
상세설명  Digital Power Factor Correction Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1047 데이터시트(HTML) 71 Page - Analog Devices

Back Button ADP1047 Datasheet HTML 67Page - Analog Devices ADP1047 Datasheet HTML 68Page - Analog Devices ADP1047 Datasheet HTML 69Page - Analog Devices ADP1047 Datasheet HTML 70Page - Analog Devices ADP1047 Datasheet HTML 71Page - Analog Devices ADP1047 Datasheet HTML 72Page - Analog Devices ADP1047 Datasheet HTML 73Page - Analog Devices ADP1047 Datasheet HTML 74Page - Analog Devices ADP1047 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 71 of 84
INRUSH SET REGISTER
Table 107. Register 0xFE2E—Inrush Set
Bits
Bit Name
R/W
Description
[7:5]
RSVD
R
Reserved.
[4:3]
Timer
R/W
These bits set the timer for the VIN_LOW flag measurement.
Bit 4
Bit 3
Timer
0
0
Quarter line cycle
0
1
Half line cycle
1
0
2 ms
1
1
4 ms
[2:0]
Inrush delay time
R/W
These bits set the inrush signal delay time after the BROWN_OUT flag goes low.
Bit 2
Bit 1
Bit 0
Number of Full AC Line Cycles
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
FAST_OVP_FAULT_RISE REGISTER
Table 108. Register 0xFE2F—FAST_OVP_FAULT_RISE
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
[6:0]
Fast OVP rise threshold
R/W
These bits set the rising threshold for the analog comparator at the OVP pin input as follows:
OVP threshold = (Code × 0.492/128) + 1.
This threshold is programmable from 1 V to 1.5 V. Each LSB increments the threshold by 3.844 mV.
A value of 0x00 corresponds to a 1 V threshold; a value of 0x3F corresponds to a 1.492 V threshold.
FAST_OVP_FAULT_FALL REGISTER
Table 109. Register 0xFE30—FAST_OVP_FAULT_FALL
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
[6:0]
Fast OVP fall threshold
R/W
These bits set the falling threshold for the analog comparator at the OVP pin input as follows:
OVP threshold = (Code × 0.492/128) + 1.
This threshold is programmable from 1 V to 1.5 V. Each LSB increments the threshold by 3.844 mV.
A value of 0x00 corresponds to a 1 V threshold; a value of 0x3F corresponds to a 1.492 V threshold.
FAST OVP DEBOUNCE TIME SETTING REGISTER
Table 110. Register 0xFE31—Fast OVP Debounce Time Setting
Bits
Bit Name
R/W
Description
[7:2]
RSVD
R
Reserved.
[1:0]
OVP debounce time
R/W
These bits set the fast OVP debounce time.
Bit 1
Bit 0
Time
0
0
120 ns
0
1
240 ns
1
0
480 ns
1
1
640 ns


유사한 부품 번호 - ADP1047

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043AACPZ-RL AD-ADP1043AACPZ-RL Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046-100-EVALZ AD-ADP1046-100-EVALZ Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results

유사한 설명 - ADP1047

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com