전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1047DC1-EVALZ 데이터시트(PDF) 56 Page - Analog Devices

부품명 ADP1047DC1-EVALZ
상세설명  Digital Power Factor Correction Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1047DC1-EVALZ 데이터시트(HTML) 56 Page - Analog Devices

Back Button ADP1047DC1-EVALZ Datasheet HTML 52Page - Analog Devices ADP1047DC1-EVALZ Datasheet HTML 53Page - Analog Devices ADP1047DC1-EVALZ Datasheet HTML 54Page - Analog Devices ADP1047DC1-EVALZ Datasheet HTML 55Page - Analog Devices ADP1047DC1-EVALZ Datasheet HTML 56Page - Analog Devices ADP1047DC1-EVALZ Datasheet HTML 57Page - Analog Devices ADP1047DC1-EVALZ Datasheet HTML 58Page - Analog Devices ADP1047DC1-EVALZ Datasheet HTML 59Page - Analog Devices ADP1047DC1-EVALZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 56 of 84
READ_VOUT REGISTER
This register returns the output voltage (V) in VIN linear mode format (X = Y × 2N).
Table 50. Register 0x8B—READ_VOUT
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in VOUT linear mode format (X = Y × 2N). The exponent (N) is set in the
VOUT_MODE register (Register 0x20, Bits[2:0]). The exponent is in twos complement format.
[10:8]
High bits
R
Mantissa high bits (Y[10:8]) used in VOUT linear mode format (X = Y × 2N).
[7:0]
Low byte
R
Mantissa low byte (Y[7:0]) used in VOUT linear mode format (X = Y × 2N).
READ_PIN REGISTER
This register returns the input power (W) in power linear mode format (X = Y × 2N).
Table 51. Register 0x97—READ_PIN
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in power linear mode format (X = Y × 2N). The exponent (N) is set in the
exponent register (Register 0xFE39, Bits[2:0]).
[10:8]
High bits
R
Mantissa high bits (Y[10:8]) used in power linear mode format (X = Y × 2N).
[7:0]
Low byte
R
Mantissa low byte (Y[7:0]) used in power linear mode format (X = Y × 2N).
PMBUS_REVISION REGISTER
Table 52. Register 0x98—PMBUS_REVISION
Bits
Bit Name
R/W
Description
[7:0]
Revision
R
Return the revision of PMBus that the device is compliant with.
MFR_ID REGISTER
Table 53. Register 0x99—MFR_ID
Bits
Bit Name
R/W
Description
[7:0]
MFR_ID
R
Return the manufacturer’s ID.
MFR_MODEL REGISTER
Table 54. Register 0x9A—MFR_MODEL
Bits
Bit Name
R/W
Description
[7:0]
Model
R
Return the manufacturer’s model number.
MFR_REVISION REGISTER
Table 55. Register 0x9B—MFR_REVISION
Bits
Bit Name
R/W
Description
[7:0]
Revision
R
Return the manufacturer’s revision number.
EEPROM_DATA_00 Through EEPROM_DATA_15 COMMANDS
Code 0xB0 through Code 0xBF, read/write block. The EEPROM_DATA_00 through EEPROM_DATA_15 commands are used to read
data from the EEPROM and write data to the EEPROM. EEPROM_DATA_00 reads from and writes to Page 0 of the EEPROM main
block; EEPROM_DATA_01 reads from and writes to Page 1 of the EEPROM main block, and so on.


유사한 부품 번호 - ADP1047DC1-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043AACPZ-RL AD-ADP1043AACPZ-RL Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046-100-EVALZ AD-ADP1046-100-EVALZ Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results

유사한 설명 - ADP1047DC1-EVALZ

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com