전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C0508 데이터시트(PDF) 13 Page - Siemens Semiconductor Group

부품명 Q67120-C0508
상세설명  8-Bit CMOS Single-Chip Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C0508 데이터시트(HTML) 13 Page - Siemens Semiconductor Group

Back Button Q67120-C0508 Datasheet HTML 9Page - Siemens Semiconductor Group Q67120-C0508 Datasheet HTML 10Page - Siemens Semiconductor Group Q67120-C0508 Datasheet HTML 11Page - Siemens Semiconductor Group Q67120-C0508 Datasheet HTML 12Page - Siemens Semiconductor Group Q67120-C0508 Datasheet HTML 13Page - Siemens Semiconductor Group Q67120-C0508 Datasheet HTML 14Page - Siemens Semiconductor Group Q67120-C0508 Datasheet HTML 15Page - Siemens Semiconductor Group Q67120-C0508 Datasheet HTML 16Page - Siemens Semiconductor Group Q67120-C0508 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
SAB 80C515/80C535
Semiconductor Group
12
P5.7-P5.0 60-67
60-67
I/O
Port 5 is an 8-bit bidirectional I/O port with
internal pullup resistors. Port 5 pins that
have 1's written to them are pulled high by
the internal pullup resistors, and in that
state can be used as inputs. As inputs,
port 5 pins being externally pulled low will
source current
(I IL in the DC characteristics) because of
the internal pullup resistors.
VCC
37
33
Supply voltage
during normal, idle, and power-down
operation. Internally connected to pin 68.
VSS
38
34
Ground (0 V)
VCC
68
69
Supply voltage
during normal, idle, and power-down
operation. Internally connected to pin 37.
N. C.
2, 13, 14,
23, 32, 35,
46, 50, 51,
68, 70, 71
Not connected
These pins of the P-MQFP-80 package
must not be connected
Pin Definitions and Functions (cont’d)
Symbol
Pin
P-LCC-68
Pin
P-MQFP-80
Input (I)
Output (O)
Function


유사한 부품 번호 - Q67120-C0508

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C0581 SIEMENS-Q67120-C0581 Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
More results

유사한 설명 - Q67120-C0508

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com