전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C0778 데이터시트(PDF) 38 Page - Siemens Semiconductor Group

부품명 Q67120-C0778
상세설명  8-Bit CMOS Single-Chip Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C0778 데이터시트(HTML) 38 Page - Siemens Semiconductor Group

Back Button Q67120-C0778 Datasheet HTML 34Page - Siemens Semiconductor Group Q67120-C0778 Datasheet HTML 35Page - Siemens Semiconductor Group Q67120-C0778 Datasheet HTML 36Page - Siemens Semiconductor Group Q67120-C0778 Datasheet HTML 37Page - Siemens Semiconductor Group Q67120-C0778 Datasheet HTML 38Page - Siemens Semiconductor Group Q67120-C0778 Datasheet HTML 39Page - Siemens Semiconductor Group Q67120-C0778 Datasheet HTML 40Page - Siemens Semiconductor Group Q67120-C0778 Datasheet HTML 41Page - Siemens Semiconductor Group Q67120-C0778 Datasheet HTML 42Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
SAB 80C515/80C535
Semiconductor Group
37
DC Characteristics (cont’d)
Parameter
Symbol
Limit values
Unit
Test condition
min.
max.
Output low voltage, port 0,
ALE, PSEN
VOL1
0.45
V
I OL = 3.2 mA 1)
Output high voltage, ports
1, 2, 3, 4, 5
VOH
2.4
0.9 VCC
V
V
I OH = – 80 µA
I OH = – 10 µA
Output high voltage (port 0 in
external bus mode, ALE,
PSEN)
VOH1
2.4
0.9 VCC
V
V
I OH = – 400 µA
I OH = – 40 µA
2)
Logic 0 input current, ports 1, 2,
3, 4, 5
IIL
– 10
– 70
µA
VIN = 0.45 V
Input low current to RESET for
reset
IIL2
– 10
– 100
µA
VIN = 0.45 V
Input low current (XTAL2)
II L3
– 15
µA
VIN = 0.45 V
Input low current (PE)
II L4
– 20
µA
VIN = 0.45 V
Logical 1-to-0 transition current,
ports 1, 2, 3, 4, 5
ITL
– 65
– 650
µA
VIN = 2 V
Input leakage current
(port 0, port 6, AN0-7, EA)
IL I
± 1
µA
0.45 < VI N < VCC
Pin capacitance
CI O
–10
pF
fC = 1 MHz,
T A = 25 ˚C
Power-supply current:
Active mode, 12 MHz
6)
Idle mode, 12 MHz
6)
Active mode, 16 MHz
6)
Idle mode, 16 MHz
6)
Power-down mode
ICC
ICC
ICC
ICC
IPD
35
13
46
17
50
mA
mA
mA
mA
µA
VCC = 5 V 4)
VCC = 5 V 5)
VCC = 5 V 4)
VCC = 5 V 5)
VCC = 2 V to 5.5 V 3)
Notes see page 38.


유사한 부품 번호 - Q67120-C0778

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C0784 SIEMENS-Q67120-C0784 Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
More results

유사한 설명 - Q67120-C0778

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com