전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C0857 데이터시트(PDF) 40 Page - Siemens Semiconductor Group

부품명 Q67120-C0857
상세설명  8-Bit CMOS Single-Chip Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C0857 데이터시트(HTML) 40 Page - Siemens Semiconductor Group

Back Button Q67120-C0857 Datasheet HTML 36Page - Siemens Semiconductor Group Q67120-C0857 Datasheet HTML 37Page - Siemens Semiconductor Group Q67120-C0857 Datasheet HTML 38Page - Siemens Semiconductor Group Q67120-C0857 Datasheet HTML 39Page - Siemens Semiconductor Group Q67120-C0857 Datasheet HTML 40Page - Siemens Semiconductor Group Q67120-C0857 Datasheet HTML 41Page - Siemens Semiconductor Group Q67120-C0857 Datasheet HTML 42Page - Siemens Semiconductor Group Q67120-C0857 Datasheet HTML 43Page - Siemens Semiconductor Group Q67120-C0857 Datasheet HTML 44Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
SAB 80C515/80C535
Semiconductor Group
39
A/D Converter Characteristics
VCC = 5 V ± 10 %; VSS = 0 V; VAREF = VCC ± 5 %; VAGND = VSS ± 0.2 V;
VI ntAREF – VIntAGND 1 V;
TA = 0 to 70 ˚C for SAB 80C515/80C535
TA = – 40 to 85 ˚C for SAB 80C515/80C535-T40/85
Parameter
Symbol
Limit values
Unit
Test condition
min.
typ.
max.
Analog input voltage
VAINPUT
VAGND
0.2
VAREF
+
0.2
V
9)
Analog input
capacitance
CI
–25
45
pF
7)
Load time
tL
––
2 tCY
µs–
Sample time
(incl. load time)
tS
––
7 tCY
µs–
Conversion time
(incl. sample time)
tC
––
13 tCY
µs–
Total unadjusted
error
TUE
± 1
± 2
LSB
VI ntAREF =
VAREF = VCC
VI ntAGND =
VAGND = VSS7)
VAREF supply current
IREF
––
5
mA
8)
Internal reference error
VI nt REFERR
± 30
mV
8)
7)
The output impedance of the analog source must be low enough to assure full loading
of the sample capacitance (C I ) during load time (tL ) . After charging of the internal
capacitance (C I ) in the load time (tL) the analog input must be held constant for the rest
of the sample time
(tS )
8)
The differential impedance
r D of the analog reference voltage source must be less than
1 k
at reference supply voltage.
9)
Exceeding these limit values at one or more input channels will cause additional
current which is sinked / sourced at these channels. This may also affect the accuracy
of other channels which are operated within these specifications.


유사한 부품 번호 - Q67120-C0857

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C0851 SIEMENS-Q67120-C0851 Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
More results

유사한 설명 - Q67120-C0857

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com