전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C723 데이터시트(PDF) 9 Page - Siemens Semiconductor Group

부품명 Q67120-C723
상세설명  8-Bit CMOS Single-Chip Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C723 데이터시트(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67120-C723 Datasheet HTML 5Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 6Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 7Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 8Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 9Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 10Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 11Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 12Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
SAB 80C517/80C537
Semiconductor Group
8
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O *) Function
P-LCC-84
P-MQFP-100-2
P3.0 - P3.7
21 - 28
90 - 97
I/O
Port 3
is a bidirectional I/O port with internal
pull-up resistors. Port 3 pins that have
1 s written to them are pulled high by
the internal pull-up resistors, and in that
state can be used as inputs. As inputs,
port 3 pins being externally pulled low
will source current (IIL, in the DC
characteristics) because of the internal
pull-up resistors. Port 3 also contains
the interrupt, timer, serial port 0 and
external memory strobe pins that are
used by various options. The output
latch corresponding to a secondary
function must be programmed to a one
(1) for that function to operate.
The secondary functions are assigned
to the pins of port 3, as follows:
–R
× D0 (P3.0): receiver data input
(asynchronous) or data input/output
(synchronous) of serial interface
–T
× D0 (P3.1): transmitter data
output (asynchronous) or clock
output (synchronous) of serial
interface 0
– INT0 (P3.2): interrupt 0 input/timer 0
gate control
– INT1 (P3.3): interrupt 1 input/timer 1
gate control
– T0 (P3.4): counter 0 input
– T1 (P3.5): counter 1 input
– WR (P3.6): the write control signal
latches the data byte from port 0 into
the external data memory
– RD (P3.7): the read control signal
enables the external data
memory to port 0
* I = Input
O = Output


유사한 부품 번호 - Q67120-C723

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C74 SIEMENS-Q67120-C74 Datasheet
172Kb / 7P
   application-oriented single-chip microcomputer
Q67120-C769 SIEMENS-Q67120-C769 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C771 SIEMENS-Q67120-C771 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
More results

유사한 설명 - Q67120-C723

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com