전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67120-C723 데이터시트(PDF) 10 Page - Siemens Semiconductor Group

부품명 Q67120-C723
부품 상세설명  8-Bit CMOS Single-Chip Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C723 데이터시트(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67120-C723 Datasheet HTML 6Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 7Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 8Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 9Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 10Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 11Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 12Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 13Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
SAB 80C517/80C537
Semiconductor Group
9
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O *) Function
P-LCC-84
P-MQFP-100-2
P1.7 - P1.0
29 - 36
98 - 100,
1, 6 - 9
I/O
Port 1
is a bidirectional I/O port with internal
pull-up resistors. Port 1 pins that have
1 s written to them are pulled high by
the internal pull-up resistors, and in that
state can be used as inputs. As inputs,
port 1 pins being externally pulled low
will source current (IIL, in the DC
characteristics) because of the internal
pull-up resistors. It is used for the low
order address byte during program
verifi-cation. It also contains the
interrupt, timer, clock, capture and
compare pins that are used by various
options. The output latch must be
programmed to a one (1) for that
function to operate (except when used
for the compare functions).
The secondary functions are assigned
to the port 1 pins as follows:
– INT3/CC0 (P1.0): interrupt 3 input/
compare 0 output / capture 0 input
– INT4/CC1 (P1.1): interrupt 4 input /
compare 1 output /capture 1 input
– INT5/CC2 (P1.2): interrupt 5 input /
compare 2 output /capture 2 input
– INT6/CC3 (P1.3): interrupt 6 input /
compare 3 output /capture 3 input
– INT2/CC4 (P1.4): interrupt 2 input /
compare 4 output /capture 4 input
– T2EX (P1.5): timer 2 external reload
trigger input
– CLKOUT (P1.6): system clock
output
– T2 (P1.7): counter 2 input
* I = Input
O = Output


유사한 부품 번호 - Q67120-C723

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67120-C74 SIEMENS-Q67120-C74 Datasheet
172Kb / 7P
   application-oriented single-chip microcomputer
Q67120-C769 SIEMENS-Q67120-C769 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C771 SIEMENS-Q67120-C771 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
More results

유사한 설명 - Q67120-C723

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
Samsung semiconductor
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
NXP Semiconductors
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Integral Corp.
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Infineon Technologies AG
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS80C51 ISSI-IS80C51 Datasheet
337Kb / 43P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz