전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67120-C723 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 Q67120-C723
부품 상세설명  8-Bit CMOS Single-Chip Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C723 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  Q67120-C723 Datasheet HTML 1Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 2Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 3Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 4Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 5Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 6Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 7Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 8Page - Siemens Semiconductor Group Q67120-C723 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
SAB 80C517/80C537
Semiconductor Group
2
The SAB 80C517/80C537 is a high-end member of the Siemens SAB 8051 family of
microcontrollers. It is designed in Siemens ACMOS technology and based on the SAB 8051
architecture. ACMOS is a technology which combines high-speed and density characteristics
with low-power consumption or dissipation.
While maintaining all the SAB 80C515 features and operating characteristics the
SAB 80C517 is expanded in its arithmetic capabilities, "fail-safe" characteristics, analog signal
processing and timer capabilities. The SAB 80C537 is identical with the SAB 80C517 except
that it lacks the on-chip program memory. The SAB 80C517/SAB 80C537 is supplied in a
84 pin plastic leaded chip carrier package (P-LCC-84) and in a 100-pin plastic quad metric flat
package (P-MQFP-100-2).
Ordering Information
Type
Ordering Code Package
Description
8-bit CMOS Microcontroller
SAB 80C517-N
Q67120-C397
P-LCC-84
with factory mask-programma-
ble ROM, 12 MHz
SAB 80C517-M
TBD
P-MQFP-100-2
SAB 80C537-N
Q67120-C452
P-LCC-84
for external memory, 12 MHz
SAB 80C537-M
TBD
P-MQFP-100-2
SAB 80C517-N-T40/85
Q67120-C483
P-LCC-84
with factory mask-programma-
ble ROM, 12 MHz,
ext. temperature – 40 to 85
°C
SAB 80C517-M-T40/85
TBD
P-MQFP-100-2
SAB 80C537-N-T40/85
Q67120-C484
P-LCC-84
for external ROM, 12 MHz,
ext. temperature – 40 to 85
°C
SAB 80C537-M-T40/85
TBD
P-MQFP-100-2
SAB 80C517-N16
Q67120-C723
P-LCC-84
with mask-programmable
ROM,16 MHz ext. temperature
– 40 to 110
°C
SAB 80C517-M16
TBD
P-MQFP-100-2
SAB 80C537-N16
Q67120-C722
P-LCC-84
for external memory, 16 MHz
SAB 80C537-M16
TBD
P-MQFP-100-2
SAB 80C517-N16-T40/85 Q67120-C724
P-LCC-84
with mask-programmable ROM,
16 MHz
ext. temperature – 40 to 85
°C
SAB 80C517-16-N-T40/85 Q67120-C725
P-LCC-84
with factory mask-programma-
ble ROM, 12 MHz


유사한 부품 번호 - Q67120-C723

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67120-C74 SIEMENS-Q67120-C74 Datasheet
172Kb / 7P
   application-oriented single-chip microcomputer
Q67120-C769 SIEMENS-Q67120-C769 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
Q67120-C771 SIEMENS-Q67120-C771 Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
More results

유사한 설명 - Q67120-C723

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
Samsung semiconductor
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
NXP Semiconductors
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Integral Corp.
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Infineon Technologies AG
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS80C51 ISSI-IS80C51 Datasheet
337Kb / 43P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz