전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB145B-G 데이터시트(PDF) 1 Page - Comchip Technology

부품명 SB145B-G
상세설명  Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB145B-G 데이터시트(HTML) 1 Page - Comchip Technology

  SB145B-G Datasheet HTML 1Page - Comchip Technology SB145B-G Datasheet HTML 2Page - Comchip Technology SB145B-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Leaded Schottky Barrier Rectifiers
QW-BB040
Page 1
REV:A
Electrical Characteristics (at TA=25°C unless otherwise noted)
Voltage: 20 to 100 V
Current: 1.0 A
RoHS Device
SB120-G Thru. SB1100-G
Dimensions in inches and (millimeter)
DO-41
Comchip Technology CO., LTD.
1.0(25.4) Min.
1.0(25.4) Min.
.205(5.2)
.160(4.1)
.107(2.7)
.080(2.0)
.034(0.86)
.028(0.70)
Features
Mechanical data
-Low drop down voltage.
-Metal-Semiconductor junction with guard ring
-High surge current capability
-Silicon epitaxial planar chips.
-Lead-free part, meet RoHS requirements.
-Epoxy: UL94-V0 rated flame retardant
-Case: Molded plastic body DO-41
-Terminals: Solderable per MIL-STD-750 Method 2026
-Polarity: Color band denotes cathode end
-Mounting Position: Any
-Weight: 0.34grams
-For use in low voltage, high efficiency inverters,
free wheeling, and polarity protection applications
Parameter
Symbol
Unit
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=75°C, See Figure 1
Peak forward surge current
8.3ms single half sine-wave superimposed on rated load
(JEDEC method) TL=110°C
Maximum f
1.0A
orward voltage at
Maximum DC reverse current
TA=25°C
At rated DC blocking voltage
TA=100°C
Typical junction capacitance (Note 1)
Operating junction temperature range
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ
-55 to +150
V
V
V
A
A
V
pF
°C/W
mA
NOTES:
1.
.
Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
Storage temperature range
2. Thermal resistance junction to ambient and junction to lead.
TSTG
°C
°C
Typical t
(Note 2)
hermal resistance
RθJA
RθJL
20
20
40
40
45
45
50
50
60
60
80
80
100
100
14
28
30
35
42
56
70
1.0
-55 to +150
-55 to +125
5
10
50.0
30.0
0.5
0.50
0.85
0.70
110
30
SB
120-G
SB
140-G
SB
145-G
SB
150-G
SB
160-G
SB
1100-G
SB
180-G
Comchip
S M D D i o d e S p e c i a l i s t
80
30
Ratings at Ta=25°C unless otherwise noted.


유사한 부품 번호 - SB145B-G

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
SB14 GULFSEMI-SB14 Datasheet
207Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
logo
EIC discrete Semiconduc...
SB140 EIC-SB140 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Rugao Dachang Electroni...
SB140 DACHANG-SB140 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SB140 DIOTEC-SB140 Datasheet
163Kb / 2P
   Schottky Barrier Rectifiers
logo
Tak Cheong Electronics ...
SB140 TAK_CHEONG-SB140 Datasheet
121Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
More results

유사한 설명 - SB145B-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com