전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA160A(CA)-G 데이터시트(PDF) 6 Page - Comchip Technology

부품명 SA160A(CA)-G
상세설명  Axial Lead Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SA160A(CA)-G 데이터시트(HTML) 6 Page - Comchip Technology

  SA160A(CA)-G Datasheet HTML 1Page - Comchip Technology SA160A(CA)-G Datasheet HTML 2Page - Comchip Technology SA160A(CA)-G Datasheet HTML 3Page - Comchip Technology SA160A(CA)-G Datasheet HTML 4Page - Comchip Technology SA160A(CA)-G Datasheet HTML 5Page - Comchip Technology SA160A(CA)-G Datasheet HTML 6Page - Comchip Technology SA160A(CA)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
QW-BTV16
Comchip Technology CO., LTD.
Page 6
REV:A
QW-BTV16
Comchip Technology CO., LTD.
Page 6
REV:A
B
Taping Specification For Axial Lead Diodes(For Reel Package)
L1
L2
E
T
Z
T
E
D
D
90℃±5℃
Do
D1
w
B
Z
T
E
D
L1-L2
DO-15
SYMBOL
A
(mm)
(inch)
0.039 (max)
5.00 ± 0.5
52.0 ± 0.5
72.0 ± 3.0
6.0 ± 0.4
1.0 (max)
330
1.2 (max)
3 (max)
2.047 ± 0.020
0.197± 0.020
0.047 (max)
0.236 ± 0.016
0.118 (max)
13
SYMBOL
(mm)
(inch)
2.835 ± 0.118
D1
DO
W
85.7 ± 0.3
3.374 ± 0.012
16.6 ± 0.4
0.654 ± 0.016
DO-15
Axial Lead Transient Voltage Suppressor
D -15
O
Standard Packaging
Case Type
4,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK


유사한 부품 번호 - SA160A(CA)-G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SA160A TSC-SA160A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Motorola, Inc
SA160A MOTOROLA-SA160A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Littelfuse
SA160A LITTELFUSE-SA160A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Vishay Siliconix
SA160A VISHAY-SA160A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
MDE Semiconductor, Inc.
SA160A MDE-SA160A Datasheet
63Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SA160A(CA)-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
SA5V0-HF COMCHIP-SA5V0-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
10KP17A SUNMATE-10KP17A Datasheet
689Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
15KP12A SUNMATE-15KP12A_15 Datasheet
477Kb / 3P
   AXIAL LEAD TRANSIENT VOLTAGE SUPPRESSOR DIODE
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
Semikron International
P6KE6 SEMIKRON-P6KE6 Datasheet
159Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
5KP6 SEMIKRON-5KP6 Datasheet
156Kb / 3P
   Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
SUNMATE electronic Co.,...
20KPA20A SUNMATE-20KPA20A Datasheet
767Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com