전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51911 데이터시트(PDF) 11 Page - Cyrustek corporation

부품명 ES51911
상세설명  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51911 데이터시트(HTML) 11 Page - Cyrustek corporation

Back Button ES51911_11 Datasheet HTML 7Page - Cyrustek corporation ES51911_11 Datasheet HTML 8Page - Cyrustek corporation ES51911_11 Datasheet HTML 9Page - Cyrustek corporation ES51911_11 Datasheet HTML 10Page - Cyrustek corporation ES51911_11 Datasheet HTML 11Page - Cyrustek corporation ES51911_11 Datasheet HTML 12Page - Cyrustek corporation ES51911_11 Datasheet HTML 13Page - Cyrustek corporation ES51911_11 Datasheet HTML 14Page - Cyrustek corporation ES51911_11 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
v1.2
11/09/06
11
1.7 Frequency counter
The time base of the frequency counter is derived from an external crystal oscillator by
Tcounter =
4,000,000
Fosc
where Fosc is the frequency of the crystal oscillator. Thus, the counter has a 1-second
time base when a 4MHz oscillator is used. The frequency counter can select the proper
range automatically or manually. Auto-range operation extends over six decades, from
1111Hz to 110.00MHz. The following table summarizes the full-scale range of the
frequency counter.
Range
Full Scale
FR112
11.1 – 111.1Hz
FR12
112 – 1111Hz
FR2
11.000KHz
FR3
110.00KHz
FR4
1.1000MHz
FR5
11.000MHz
FR6
110.00MHz
NOTE:
1In the range of FR1, if input frequency is less than 11.1Hz, ES51911 will show 0.0Hz.
2When the reading is more than 111.1Hz, the resolution becomes 1Hz.
1.8 Temperature measurement mode
Temperature measurement mode takes input signal from ADP pin and reference voltage
from (VA+ - VA-). ES51911 has a built-in ℃-to-℉ scale translation circuit, and only
needs an external ℃ scale application circuit. The application circuit for ℉ scale is
not required. In temperature measurement mode, the default range is 1100.0 ℃ or ℉.
VBAR pin is used to control the second decimal point (DP2) on the LCD panel. When
VBAR is LOW, DP2 is turned on and the first decimal point (DP1) is turned off.


유사한 부품 번호 - ES51911_11

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
More results

유사한 설명 - ES51911_11

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com