전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51925 데이터시트(PDF) 10 Page - Cyrustek corporation

부품명 ES51925
상세설명  3000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51925 데이터시트(HTML) 10 Page - Cyrustek corporation

Back Button ES51925_10 Datasheet HTML 6Page - Cyrustek corporation ES51925_10 Datasheet HTML 7Page - Cyrustek corporation ES51925_10 Datasheet HTML 8Page - Cyrustek corporation ES51925_10 Datasheet HTML 9Page - Cyrustek corporation ES51925_10 Datasheet HTML 10Page - Cyrustek corporation ES51925_10 Datasheet HTML 11Page - Cyrustek corporation ES51925_10 Datasheet HTML 12Page - Cyrustek corporation ES51925_10 Datasheet HTML 13Page - Cyrustek corporation ES51925_10 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Ver 2.9
10
10/06/25
ES51925
3000 Counts Smart DMM
1.5 Capacitance Measurement
The following table summarizes the eight ranges of capacitance measurement
mode:
Configuration
Full Scale Range
Relative Resistor
C1
3.000nF
20kΩVR+100kΩ
C2
30.00nF
20kΩVR+100kΩ
C3
300.0nF
101kΩ
C4
3.000uF
10kΩ
C5
30.00uF
R9K / R1K
C6
300.0uF
R9K / R1K
C7
3.000mF*
R9K / R1K
C8
30.00mF**
R9K / R1K
Note: * & ** The C7-C8 both range is not available for auto scan mode
In order to obtain an accurate reading, a capacitor must be discharged before
measurement begins. The chip has a built-in discharge mode to automatically
discharge the capacitor. In discharge mode, the LCD displays “dIS.C”
Discharging through the chip is quite slow. We recommend users to discharge the
capacitor with some other apparatus.
1.6 Auto power off mode (APO)
1.6.1 Idle Time selection
ES51925 has a default auto power off function. If the meter is idle for more than
the given Idle Time, the chip automatically turns the power off. The idle time to
trigger the auto power off function is determined by pin ‘APOSEL’. If pin
APOSEL is connected to V-, the Idle Time will be set to 3 minutes. If pin
APOSEL is connected to DGND or floating, the Idle Time will be set to 10
minutes. When APO happens, the state of the meter is saved. If the APO is
necessary to be cancelled, power on the ES51925 when any of the push key,
except for HOLD, is pressed down simultaneously.


유사한 부품 번호 - ES51925_10

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
More results

유사한 설명 - ES51925_10

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926_10 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com