전자부품 데이터시트 검색엔진 |
|
ES51925 데이터시트(PDF) 2 Page - Cyrustek corporation |
|
ES51925 데이터시트(HTML) 2 Page - Cyrustek corporation |
2 / 22 page Ver 2.9 2 10/06/25 ES51925 3000 Counts Smart DMM Pin Assignment SEG11 SEG10 NC NC SEG09 SEG08 SEG07 SEG06 SEG05 SEG04 SEG03 SEG02 SEG01 OSC2 OSC1 BKSEL CESEL C+ C- V- V- V+ V+ DGND AGND Pin Description Pin No Symbol Type Description 1 AGND P Analog ground. 2 LBAT I Low battery configuration. If 3V battery is used, connect it to DGND. The default low-battery threshold voltage is –2.3V. If 9V battery is used, the low battery enunciator is displayed when the voltage of this pin is less than VRH (-1.2V) 3 CREF+ I/O Positive connection for reference capacitor. 4 CREF- I/O Negative connection for reference capacitor. 5 CINT O Integrator output. Connect to integral capacitor 6 CAZ I Auto-zero capacitor connection. 7 BUFF O Buffer output pin. Connect to integral resistor 8 RAZ O Buffer output pin in high-speed mode. Connect to high-speed integral resistor. 9 IVSH I High current measurement input. NC NC NC NC NC ACEN BUZOUT APOSEL BUZIN SLEEP R1K R9K- CA+ CA- NC VR1 VA- VA+ ADP SGND VR VRH NC OHMC1 OHMC2 50 45 40 35 30 80 85 90 95 Cyrustek. com.tw ES51925 100 |
유사한 부품 번호 - ES51925 |
|
유사한 설명 - ES51925 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |