전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51931 데이터시트(PDF) 8 Page - Cyrustek corporation

부품명 ES51931
상세설명  22,000 Counts Auto DMM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51931 데이터시트(HTML) 8 Page - Cyrustek corporation

Back Button ES51931 Datasheet HTML 4Page - Cyrustek corporation ES51931 Datasheet HTML 5Page - Cyrustek corporation ES51931 Datasheet HTML 6Page - Cyrustek corporation ES51931 Datasheet HTML 7Page - Cyrustek corporation ES51931 Datasheet HTML 8Page - Cyrustek corporation ES51931 Datasheet HTML 9Page - Cyrustek corporation ES51931 Datasheet HTML 10Page - Cyrustek corporation ES51931 Datasheet HTML 11Page - Cyrustek corporation ES51931 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Ver. 1.2
10/05/27
8
ES51931
22,000 Counts Auto DMM
1.1.5
Low-pass filter feature
ES51931 provides a 3-order low-pass filter to reduce the influence of high frequency
noise. This LPF feature is available in ACV or ACA modes. Set FC5 to low in these
modes, the KEY button is used to activate the LPF feature. Press KEY button for less
than 1 second to select the 3dB bandwidth of LPF sequentially (Full/10kHz/1kHz) and
the relative LCD segment on LCD panel will be active also.
1.2 Resistance Measurement
A re-configurable divider automatically provides a suitable full-scale range in resistance
measurement mode. The following table summarizes the full-scale ranges and the
reference resistors in each configuration. In 220.00MΩ, if SHIFT pin connects to V-,
the least digit will not be displayed and the other digits and decimal point will shift
right away. So the full scale becomes 220.0MΩ instead of 220.00MΩ.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
OR1
220.00Ω
R6
100Ω
OR2
2.2000KΩ
R5
1KΩ
OR3
22.000KΩ
R1∥ R4
10KΩ
OR4
220.00KΩ
R1∥ R3
100KΩ
OR5
2.2000MΩ
R1∥ R2
1MΩ
OR6
22.000MΩ
R1
10MΩ
OR7
220.00MΩ
R1
10MΩ
1.3 Current measurement for multimeter
ES51931 has 2 automatic and 1 manual current measurement modes for multimeter.
The following table summarizes the full-scale range of each mode. When ES51931
operates in the current measurement modes for multimeter, It takes high input from pin
IVSH or IVSL, low input from pin SGND and reference voltage from pin VR.
Mode
FC1~4
VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
1
220.00µA / 2200.0µA IVSL/IVSH V.S. SGND
Automatic2
1,1,1,1
1
22.000mA / 220.00mA IVSL/IVSH V.S. SGND
Manual
0,0,0,0
X
22.000A
IVSH V.S. SGND
Note:
1. The typical connection of input terminal is as the schematic below:
Vin*
IVSL
IVSH
100K
9R
100K
R


유사한 부품 번호 - ES51931

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51930 CYRUSTEK-ES51930 Datasheet
310Kb / 5P
   10kHz LCR analog front
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
More results

유사한 설명 - ES51931

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com