전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51955 데이터시트(PDF) 6 Page - Cyrustek corporation

부품명 ES51955
상세설명  Dual Display/Inrush
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51955 데이터시트(HTML) 6 Page - Cyrustek corporation

Back Button ES51955 Datasheet HTML 2Page - Cyrustek corporation ES51955 Datasheet HTML 3Page - Cyrustek corporation ES51955 Datasheet HTML 4Page - Cyrustek corporation ES51955 Datasheet HTML 5Page - Cyrustek corporation ES51955 Datasheet HTML 6Page - Cyrustek corporation ES51955 Datasheet HTML 7Page - Cyrustek corporation ES51955 Datasheet HTML 8Page - Cyrustek corporation ES51955 Datasheet HTML 9Page - Cyrustek corporation ES51955 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
v2.3
10/06/25
6
ES51955(5000counts)
Dual Display/Inrush
RSDC smart mode RES sensitivity
Parasitic
capacitance allowed
in 5.000MΩ range
200
pF
RSDC
smart
mode
DIODE
sensitivity
Forward voltage
0.8
V
RSDC scan mode CAP sensitivity
400
pF
Reference voltage temperature
coefficient
TCRF
100KΩ resister
between VRH/GND
0℃<TA<70℃
100
ppm/℃
-2.5
2.5
%F.S
Capacitance measurement
accuracy
5.0nF – 50mF
-3
3
counts
Note:
1. Full Scale
Function Description
1.
Dual Display
1.1 Introduction
ES51955 configures a dual display LCD driver for DMM applications. The dual display
includes first-display and second-display. Each display has 4 digits to show up to 5000
counts. The simplified representation of dual display is shown below. First-display usually
shows Volts readings in ACV/DCV mode or Hz readings in Frequency mode.
Second-display usually shows Amps/Hz readings in ACA/DCA mode or Duty-cycle
readings in Frequency mode. By the dual display feature, ES51955 can shows Amps and
Volts readings at the same time. Other features achieved by dual display will be introduced
in later sections. The full LCD configuration is shown at section 3.5 of page 25.
Second Display
A
First Display
V


유사한 부품 번호 - ES51955

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51950 CYRUSTEK-ES51950 Datasheet
631Kb / 32P
   Dual Display/Cap
More results

유사한 설명 - ES51955

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com