전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51983 데이터시트(PDF) 1 Page - Cyrustek corporation

부품명 ES51983
상세설명  3 3/4 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51983 데이터시트(HTML) 1 Page - Cyrustek corporation

  ES51983_11 Datasheet HTML 1Page - Cyrustek corporation ES51983_11 Datasheet HTML 2Page - Cyrustek corporation ES51983_11 Datasheet HTML 3Page - Cyrustek corporation ES51983_11 Datasheet HTML 4Page - Cyrustek corporation ES51983_11 Datasheet HTML 5Page - Cyrustek corporation ES51983_11 Datasheet HTML 6Page - Cyrustek corporation ES51983_11 Datasheet HTML 7Page - Cyrustek corporation ES51983_11 Datasheet HTML 8Page - Cyrustek corporation ES51983_11 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
11/01/05
1
ES51983
3 3/4 AUTO DMM
Features
4000 count display
Full automatic measurement
*Voltage measurement
*Current measurement
*Resistor measurement
Range change function
Data hold function
Diode measurement
40MHz Frequency counter
ADP mode with external reference
voltage
Serial data output (RS232 format)
Auto power off (10 mins) and re-power
on
Low battery detect (3V and 9V)
3V DC power supply
Back light function
Description
ES51983 is an integrated analog-to-digital
Converter(ADC) with 4000 counts LCD
display ,automatic range selection, and 3V
DC power supply. Automatic range
selection is provided for voltage(AC/DC)
measurement, resistor measurement and
current measurement. Expensive and
bulky mechanical range switches are not
required. Other features include data
holding, diode measurement, temperature
measurement, continuity checking, low
battery detection, auto- power off,
re-power on, and RS232 data output.
Application
Digital Multimeter


유사한 부품 번호 - ES51983_11

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
More results

유사한 설명 - ES51983_11

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com