전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51995 데이터시트(PDF) 11 Page - Cyrustek corporation

부품명 ES51995
상세설명  DMM Analog front end with PEAK
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51995 데이터시트(HTML) 11 Page - Cyrustek corporation

Back Button ES51995 Datasheet HTML 7Page - Cyrustek corporation ES51995 Datasheet HTML 8Page - Cyrustek corporation ES51995 Datasheet HTML 9Page - Cyrustek corporation ES51995 Datasheet HTML 10Page - Cyrustek corporation ES51995 Datasheet HTML 11Page - Cyrustek corporation ES51995 Datasheet HTML 12Page - Cyrustek corporation ES51995 Datasheet HTML 13Page - Cyrustek corporation ES51995 Datasheet HTML 14Page - Cyrustek corporation ES51995 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ver. 2.8
12/01/12
11
ES51995(6000counts)
DMM Analog front end with PEAK
Buzzer frequency selection: B2/B1/B0
B2
B1
B0
Buzzer frequency
0
0
0
1.00kHz
0
0
1
1.33kHz
0
1
0
2.00kHz
0
1
1
2.22kHz
1
0
0
2.67kHz
1
0
1
3.08kHz
1
1
0
3.33kHz
1
1
1
4.00kHz
Set B2-B0 properly to get the target frequency. Use BUZ control bit to enable/disable the
BUZOUT (pin82) driver output. If MPU control BUZ only, it is available to set ID byte with
ending of stop bit.
ADC conversion rate selection: C1/C0
C1
C0
SADC Conversion Time
(High resolution ADC)
FADC Conversion Time
(High speed ADC)
SADC Line
noise rejection
0
0
500ms
50ms
50/60Hz
0
1
300ms
30ms
50Hz
1
0
250ms
25ms
60Hz
1
1
200ms
20ms
50Hz
Set C1-C0 to change the target conversion rate for SADC & FADC simultaneously.
A
C
K
1 1
0
1
0 0
0
START BIT
STOP BIT
R
/W
Buzzer OFF
A
C
K
1 1
0
1
0 0
0
START BIT
STOP BIT
R
/W
Buzzer OFF
1 1
1
1
0 0
0
START BIT
STOP BIT
R
/W
Buzzer ON
1 1
1
1
0 0
0
START BIT
STOP BIT
R
/W
Buzzer ON


유사한 부품 번호 - ES51995

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51991 CYRUSTEK-ES51991 Datasheet
296Kb / 16P
   11,000 Counts ADC
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
More results

유사한 설명 - ES51995

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
   DMM Analog front end
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
   DMM Analog front end with Inrush
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
   DMM Analog front end with Inrush
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51998 CYRUSTEK-ES51998 Datasheet
1Mb / 31P
   DMM Analog front end/Insulation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com