전자부품 데이터시트 검색엔진 |
|
ES51996 데이터시트(PDF) 1 Page - Cyrustek corporation |
|
ES51996 데이터시트(HTML) 1 Page - Cyrustek corporation |
1 / 30 page ver 2.8 12/02/03 1 ES51996(6000counts) DMM Analog front end/Insulation Features • 6000 counts dual-slope SADC (2-5 cnvs/s.) • Input signal full scale: 630mV (Max. 6300 count) • Built-in 600 counts fast speed (x10) FADC • Fast ADC conversion rate: 20-50 times/s • 100L LQFP package • 3V DC regulated power supply • Support digital multi-meter function *Voltage measurement (AC/DC) *Current measurement (AC/DC) *Dual mode for frequency with voltage or current *Resistance measurement (600.0Ω – 60.00MΩ) *Capacitance measurement (6.000nF – 60.00mF) (Taiwan patent no.: 323347, 453443) *Diode or continuity mode measurement *Frequency counter with duty cycle display: 60.00Hz – 60.00MHz 5% – 95% • ADP mode (AC or DC mode is available) • 3dB BW selectable for low pass filter at AC mode (Taiwan patent no.: 362409) (China patent no.: 1363073) • Band-gap reference voltage output • Peak-hold measurement (Taiwan patent no.:476418) • 3-wire serial bus for MPU I/O port • MPU I/O power level selectable by external pins • On-chip buzzer driver and frequency selectable by MPU command • High-crest-factor signal detection (Taiwan patent no.: 234661) • Multi-level battery voltage detection • Support sleep mode by external chip select pin Application Clamp-on meter Digital multi-meter Description ES51996 is an analog frond end chip of DMM built-in 6000(SADC)/600(FADC) counts dual ADCs. The SADC is operated at slower speed for higher resolution. The FADC is operated at higher speed for lower resolution. ES51996 provides voltage & current (AC/DC) measurement, resistance measurement, capacitance measurement, diode/continuity measurement, frequency measurement, duty cycle measurement and voltage peak-hold function. An analog switches network is built-in for insulation resistance application. The ES51996 also supports multi-level battery detection, low-pass-filter feature for AC mode and dual mode measurement for V+F & A+F. A 3-wire serial bus for MPU I/O port will be used easily for firmware design. Flexible function design is supported for different kinds of DMM or Clamp-on meter application. . |
유사한 부품 번호 - ES51996 |
|
유사한 설명 - ES51996 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |