전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD07-CADO12_0711 데이터시트(PDF) 1 Page - P-tec Corporation

부품명 PD07-CADO12_0711
상세설명  PD07 Series Single Digit 7 Segment 0.39??Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  P-TEC [P-tec Corporation]
홈페이지  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PD07-CADO12_0711 데이터시트(HTML) 1 Page - P-tec Corporation

  PD07-CADO12_0711 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PD07 Series Single Digit 7 Segment 0.39” Display
Features
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
nm
Typ
Max
Min
Typ
PD07-CADO12
PD07-CCDO12
Orange-Red
GaAsP
635
626
2.1
2.6
2.5
5.0
*Single Digit .39” (10.0mm) Orange Display
with 10 Pins
*Low Current Requirements
*High Light Output
*IC Compatible
*High Reliability
*Gray Face, White Segments
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100μA)..……………………...………..……………………….….… 5.0V
Max Forward Current..……………………………………..……………….……….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)……………….…………...... 100mA
Operating Temperature Range.………………….………...….………...….. -25°C to +85°C
Storage Temperature Range…….………………………....…….…….….. -40°C to +100°C
Soldering Temperature (1.6 mm below body)..………….……………...…. 260°C for 5 seconds
Power Dissipation……………………………………………………………………. 78mW
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin may be ± 5° max.
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
02-22-07 Rev 0 RS
Common Anode
Pin
#
Common Cathode
Pin
#
1 Cathode G
2 Cathode F
3 Common Anode
4 Cathode E
5 Cathode D
6 Cathode DP
7 Cathode C
8 Common Anode
9 Cathode B
10 Cathode A
1 Anode G
2 Anode F
3 Common Cathode
4 Anode E
5 Anode D
6 Anode DP
7 Anode C
8 Common Cathode
9 Anode B
10 Anode A
Pin Function
A
B
C
D
E
G
F
6.2
10.0
+1
+5
10.0°
+10
+6
1.0
Ø1.2
9.8
7.62
0.25
3.5 Min.
7.05
12.9
2.54x4=10.16
0.5


유사한 부품 번호 - PD07-CADO12_0711

제조업체부품명데이터시트상세설명
logo
P-tec Corporation
PD07-CADO12 P-TEC-PD07-CADO12 Datasheet
32Kb / 1P
   Single Digit 7 Segment 0.39??Display
More results

유사한 설명 - PD07-CADO12_0711

제조업체부품명데이터시트상세설명
logo
P-tec Corporation
PD07-CADO12 P-TEC-PD07-CADO12 Datasheet
32Kb / 1P
   Single Digit 7 Segment 0.39??Display
PD07-CADY01 P-TEC-PD07-CADY01 Datasheet
32Kb / 1P
   Single Digit 7 Segment 0.39??Display
PD07-CADR21 P-TEC-PD07-CADR21 Datasheet
32Kb / 1P
   Single Digit 7 Segment 0.39??Display
PD07-CADG13 P-TEC-PD07-CADG13 Datasheet
32Kb / 1P
   Single Digit 7 Segment 0.39??Display
PD07-CADR24 P-TEC-PD07-CADR24 Datasheet
32Kb / 1P
   Single Digit 7 Segment 0.39??Display
PDT39SM-CADR09 P-TEC-PDT39SM-CADR09 Datasheet
44Kb / 1P
   Single Digit 7 Segment SMD Display 0.39?
PDT39SM-CADG17 P-TEC-PDT39SM-CADG17 Datasheet
44Kb / 1P
   Single Digit 7 Segment SMD Display 0.39?
PDT39SM-CADB17 P-TEC-PDT39SM-CADB17 Datasheet
44Kb / 1P
   Single Digit 7 Segment SMD Display 0.39?
PDT392SM-CAMG17 P-TEC-PDT392SM-CAMG17 Datasheet
43Kb / 1P
   Dual Digit 7 Segment SMD Display 0.39?
PDT392SM-CAMR09 P-TEC-PDT392SM-CAMR09 Datasheet
43Kb / 1P
   Dual Digit 7 Segment SMD Display 0.39?
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com