전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM9006 데이터시트(PDF) 16 Page - Davicom Semiconductor, Inc.

부품명 DM9006
상세설명  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAVICOM [Davicom Semiconductor, Inc.]
홈페이지  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 데이터시트(HTML) 16 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 20Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
DM9006
2-port Switch with Processor Interface
16
Preliminary datasheet
DM9006-13-DS-P01
September 1, 2009
6. CONTROL AND STATUS REGISTER SET
The DM9006 implements several control and status
registers (CSR), which can be accessed by the host.
All CSR are set to their default values by power on or
software reset unless specified.
Register
Description
Offset
Default value
after reset
NCR
Network Control Register
00H
00H
NSR
Network Status Register
01H
00H
TCR
TX Control Register
02H
00H
RCR
RX Control Register
05H
00H
RSR
RX Status Register
06H
00H
ROCR
Receive Overflow Counter Register
07H
00H
FCR
Flow Control Register
0AH
00H
EPCR
EEPROM & PHY Control Register
0BH
00H
EPAR
EEPROM & PHY Address Register
0CH
40H
EPDRL
EEPROM & PHY Low Byte Data Register
0DH
00H
EPDRH
EEPROM & PHY High Byte Data Register
0EH
00H
LCCR
Link Change Control Register (0FH)
0FH
00H
PAR
Processor Port Physical Address Registers
10H-15H
by EEPROM
MAR
Processor Port Multicast Address Registers
16H-1DH
XXH
RXPLLR
RX Packet Length Low Register
20H
00H
RXPLHR
RX Packet Length High Register
21H
00H
RASR
RX Additional Status Register
26H
00H
RACR
RX Additional Control Register
27H
00H
VID
Vendor ID Registers
28H-29H
0A46H
PID
Product ID Registers
2AH-2BH
9006H
CHIPR
CHIP Revision Registers
2CH
02H
TCSCR
Transmit Check Sum Control Register
31H
00H
RCSCSR
Receive Check Sum Control Status Register
32H
00H
DRIVER
uP Data Bus driving capability Register
38H
00H
IRQCR
IRQ Pin Control Register
39H
00H
TRMSCR
TX/RX Memory Size Control Register
3FH
00H
SWITCHCR
Switch Control Register
52H
00H
VLANCR
VLAN Control Register
53H
00H
DSP1,2
DSP Control Register I,II
58H~59H
0000H
P_INDEX
Per Port Control/Status Index Register
60H
00H
P_CTRL
Per Port Control Data Register
61H
00H
P_STUS
Per Port Status Data Register
62H
00H
P_RATE
Per Port Ingress and Egress Rate Control Register
66H
00H
P_BW
Per Port Bandwidth Control Setting Register
67H
00H
P_UNICAST
Per Port Block Unicast Ports Control Register
68H
00H
P_MULTI
Per Port Block Multicast Ports Control Register
69H
00H
P_BCAST
Per Port Block Broadcast Ports Control Register
6AH
00H
P_UNKNWN
Per Port Block Unknown Ports Control Register
6BH
00H
P_SSTPR
Per Port Security & STP Register
6CH
00H
P_PRI
Per Port Priority Queue Control Register
6DH
00H


유사한 부품 번호 - DM9006

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9006EP DAVICOM-DM9006EP Datasheet
38Kb / 2P
   Two Port Ethernet Switch Controller with 8/16-bit Processor Interface
More results

유사한 설명 - DM9006

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
   10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com