전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6T10AF-B 데이터시트(PDF) 6 Page - Nell Semiconductor Co., Ltd

부품명 6T10AF-B
상세설명  TRIACs, 6A Snubberless, Logic Level and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6T10AF-B 데이터시트(HTML) 6 Page - Nell Semiconductor Co., Ltd

  6T10AF-B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6T10AF-B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6T10AF-B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6T10AF-B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6T10AF-B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6T10AF-B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEMICONDUCTOR
6T Series RoHS
RoHS
www.nellsemi.com
Page 6 of 6
RoHS
4T
6.4(0.52)
6.6(0.26)
5.2(0.204)
5.4(0.212)
1.5(0.059)
1.37(0.054)
9.4(0.37)
9(0.354)
16.3(0.641)
15.9(0.626)
4.6(0.181)
4.4(0.173)
0.85(0.033)
0.76(0.03)
0.65(0.026)
0.55(0.021)
1.9(0.075)
1.8(0.071)
2.4(0.095)
2.2(0.086)
0.62(0.024)
0.48(0.019)
0.62(0.024)
0.45(0.017)
6.2(0.244)
6(0.236)
1
2
2
3
1.14(0.045)
0.89(0.035)
0.76(0.030)
2.28(0.090)
4.57(0.180)
0.64(0.025)
6.4(0.251)
6.6(0.259)
5.4(0.212)
5.2(0.204)
1.5(0.059)
1.37(0.054)
9.35(0.368)
10.1(0.397)
2.4(0.095)
2.2(0.086)
0.62(0.024)
0.48(0.019)
6.2(0.244)
6(0.236)
0.62(0.024)
0.45(0.017)
TO-251
(I-PAK)
TO-252
(D-PAK)
Case Style
2.87 (0.113)
2.62 (0.103)
9.40 (0.370)
9.14 (0.360)
10.54 (0.415) MAX.
16.13 (0.635)
15.87 (0.625)
PIN
4.06 (0.160)
3.56 (0.140)
1.45 (0.057)
1.14 (0.045)
2.67 (0.105)
2.41 (0.095)
2.65 (0.104)
2.45 (0.096)
5.20 (0.205)
4.95 (0.195)
0.90 (0.035)
0.70 (0.028)
3.91 (0.154)
3.74 (0.148)
1
3
2
4.70 (0.185)
4.44 0.1754
(
)
1.39 (0.055)
1.14 (0.045)
3.68 (0.145)
3.43 (0.135)
8.89 (0.350)
8.38 (0.330)
29.16 (1.148)
28.40 (1.118)
14.22 (0.560)
13.46 (0.530)
0.56 (0.022)
0.36 (0.014)
2.79 (0.110)
2.54 (0.100)
15.32 (0.603)
14.55 (0.573)
TO-220AB


유사한 부품 번호 - 6T10AF-B

제조업체부품명데이터시트상세설명
logo
Marathon Special Produc...
6T100AXB MARATHON-6T100AXB Datasheet
353Kb / 3P
   Approved for 200,000 Amp Withstand Rating
10/27/2023
More results

유사한 설명 - 6T10AF-B

제조업체부품명데이터시트상세설명
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com