전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBT2222 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 SMBT2222
상세설명  NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBT2222 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  SMBT2222 Datasheet HTML 1Page - Siemens Semiconductor Group SMBT2222 Datasheet HTML 2Page - Siemens Semiconductor Group SMBT2222 Datasheet HTML 3Page - Siemens Semiconductor Group SMBT2222 Datasheet HTML 4Page - Siemens Semiconductor Group SMBT2222 Datasheet HTML 5Page - Siemens Semiconductor Group SMBT2222 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Semiconductor Group
6
SMBT 2222
SMBT 2222 A
Saturation voltage IC = f (VBEsat, VCEsat)
hFE =10
Delay time
td = f (IC)
Rise time
tr = f (IC)
DC current gain hFE = f (IC)
VCE =10V
Storage time
tstg = f (IC)
Fall time
tf = f (IC)


유사한 부품 번호 - SMBT2222

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SMBT2222A INFINEON-SMBT2222A Datasheet
210Kb / 6P
   NPN Silicon Switching Transistor
Feb-18-2002
SMBT2222A INFINEON-SMBT2222A Datasheet
83Kb / 8P
   NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
SMBT2222A INFINEON-SMBT2222A Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
SMBT2222AE6327HTSA1 INFINEON-SMBT2222AE6327HTSA1 Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
SMBT2222A INFINEON-SMBT2222A_07 Datasheet
83Kb / 8P
   NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
More results

유사한 설명 - SMBT2222

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com