전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2025D1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2025D1
상세설명  2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2025D1 데이터시트(HTML) 5 Page - Texas Instruments

  TPA2025D1 Datasheet HTML 1Page - Texas Instruments TPA2025D1 Datasheet HTML 2Page - Texas Instruments TPA2025D1 Datasheet HTML 3Page - Texas Instruments TPA2025D1 Datasheet HTML 4Page - Texas Instruments TPA2025D1 Datasheet HTML 5Page - Texas Instruments TPA2025D1 Datasheet HTML 6Page - Texas Instruments TPA2025D1 Datasheet HTML 7Page - Texas Instruments TPA2025D1 Datasheet HTML 8Page - Texas Instruments TPA2025D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPA2025D1
www.ti.com
SLOS717A
– AUGUST 2011 – REVISED FEBRUARY 2012
OPERATING CHARACTERISTICS
VBAT= 3.6 V, EN = VBAT, AGC = GND, TA = 25°C, RL = 8 Ω + 33 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER
IBOOST = 0 mA
5.4
5.75
6.4
V
PVDD
Boost converter output voltage range
IBOOST = 700 mA
5.6
V
Boost converter input current limit
Power supply current
1800
Boost converter starts up from full shutdown
600
IL
mA
Boost converter start-up current limit
Boost converter wakes up from auto-pass through
1000
mode
fBOOST
Boost converter frequency
1.2
MHz
CLASS-D AMPLIFIER
THD = 1%, VBAT = 2.5 V, f = 1 kHz
1440
THD = 1%, VBAT = 3.0 V, f = 1 kHz
1750
THD = 1%, VBAT = 3.6 V, f = 1 kHz
1900
THD = 1%, VBAT = 2.5 V, f = 1 kHz,
1460
PO
Output power
mW
RL = 4 Ω + 33 µH
THD = 1%, VBAT = 3.0 V, f = 1 kHz,
1800
RL = 4 Ω + 33 µH
THD = 1%, VBAT = 3.6 V, f = 1 kHz,
2280
RL = 4 Ω + 33 µH
THD = 1%, VBAT = 3.6 V, f = 1 kHz, 6 dB crest
VO
Peak output voltage
5.45
V
factor sine burst, no clipping
AV
Voltage gain
19.5
20
20.5
dB
|VOOS |
Output offset voltage
2
10
mV
Short-circuit protection threshold
2
A
current
Input impedance (per input pin)
AV = 20 dB
24
RIN
k
Input impedance in shutdown (per
EN = 0 V
1300
input pin)
ZO
Output impedance in shutdown
2
k
Maximum input voltage swing
EN = 0 V
2
VRMS
Boost converter auto-pass through
Class-D output voltage threshold when boost
2
VPK
threshold
converter automatically turns on
fCLASS-D
Class-D switching frequency
275
300
325
kHz
Class-D and boost combined
η
PO = 1 W, VBAT = 3.6 V
82%
efficiency
A-weighted
49
EN
Noise output voltage
μVRMS
Unweighted
65
1.7 W, RL = 8 Ω + 33 µH. A-weighted
97
1.7 W, RL = 8 Ω + 33 µH. Unweighted
95
SNR
Signal-to-noise ratio
dB
2 W, RL = 4 Ω + 33 µH. A-weighted
95
2 W, RL = 4 Ω + 33 µH. Unweighted
93
PO = 100 mW, f = 1 kHz
0.06%
PO = 500 mW, f = 1 kHz
0.07%
Total harmonic distortion plus
THD+N
noise(1)
PO = 1.7 W, f = 1 kHz, RL = 8 Ω + 33 µH
0.07%
PO = 2 W, f = 1 kHz, RL = 4 Ω + 33 µH
0.15%
THD+N added to other audio signal
connected at amplifier input during
0.02%
shutdown
200 mVPP square ripple, VBAT = 3.8 V, f = 217 Hz
62.5
AC-Power supply ripple rejection
AC PSRR
dB
(output referred)
200 mVPP square ripple, VBAT = 3.8 V, f = 1 kHz
62.5
(1)
A-weighted
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA2025D1


유사한 부품 번호 - TPA2025D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
TPA2025D1YZG TI1-TPA2025D1YZG Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
TPA2025D1YZGR TI1-TPA2025D1YZGR Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1YZGT TI1-TPA2025D1YZGT Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

유사한 설명 - TPA2025D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com