전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2029D1YZFR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2029D1YZFR
상세설명  3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2029D1YZFR 데이터시트(HTML) 1 Page - Texas Instruments

  TPA2029D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IN-
IN+
PGND
OUT+
OUT-
10 F
m
ToBattery
AGC2
AGC1
EN
GPIO
MasterEnable
TPA2029D1
Digital
BaseBand
Analog
Baseband
or
CODEC
PVdd
C
1 F
(Optional)
IN
m
TPA2029D1
www.ti.com
SLOS661A – DECEMBER 2011 – REVISED APRIL 2012
3-W Mono Class-D Audio Amplifier With SmartGain™ AGC/DRC
Check for Samples: TPA2029D1
1
FEATURES
DESCRIPTION
The TPA2029D1 is a mono, filter-free Class-D audio
2
Filter-Free Class-D Architecture
power amplifier with dynamic range compression
3 W Into 4
Ω at 5 V (10% THD+N)
(DRC) and automatic gain control (AGC). It is
880 mW Into 8
Ω at 3.6 V (10% THD+N)
available in a 1.63 mm x 1.63 mm WCSP package.
Power Supply Range: 2.5 V to 5.5 V
The DRC/AGC function in the TPA2029D1 can be
3 Selectable AGC functions
enabled and disabled. The DRC/AGC function is
configured to automatically prevent distortion of the
Low Supply Current: 1.8 mA
audio signal and enhance quiet passages that are
Low Shutdown Current: 0.2
μA
normally not heard. The DRC/AGC is also configured
High PSRR: 80 dB
to protect the speaker from damage at high power
levels and compress the dynamic range of music to fit
Fast Start-up Time: 5 ms
within the dynamic range of the speaker. The
AGC Enable/Disable Function
TPA2029D1 is capable of driving 3 W at 5 V into 4
Limiter Enable/Disable Function
load or 880 mW at 3.6 V into 8
Ω load. The device
features an enable pin and also provides thermal and
Short-Circuit and Thermal Protection
short circuit protection.
Space-Saving Package
In addition to these features, a fast start-up time and
1.63 mm × 1.63 mm WCSP (YZF)
small package size make the TPA2029D1 an ideal
choice for Notebook PCs, PDAs and other portable
APPLICATIONS
applications.
Wireless or Cellular Handsets and PDAs
TPA2029D1
is
available
with
different
default
Portable Navigation Devices
AGC/DRC settings for various system requirements.
Portable DVD Player
See Table 2 for more detail.
Notebook PCs
Portable Radio
Portable Games
Educational Toys
USB Speakers
SIMPLIFIED APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SmartGain is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA2029D1YZFR

제조업체부품명데이터시트상세설명
logo
Comchip Technology
TPA2029NND03-HF COMCHIP-TPA2029NND03-HF Datasheet
150Kb / 5P
   General Purpose Transistor
TPA2029NND03Q-HF COMCHIP-TPA2029NND03Q-HF Datasheet
150Kb / 5P
   General Purpose Transistor
TPA2029NND03R-HF COMCHIP-TPA2029NND03R-HF Datasheet
150Kb / 5P
   General Purpose Transistor
TPA2029NND03S-HF COMCHIP-TPA2029NND03S-HF Datasheet
150Kb / 5P
   General Purpose Transistor
More results

유사한 설명 - TPA2029D1YZFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com