전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3118D2DAP 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3118D2DAP
상세설명  15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2DAP 데이터시트(HTML) 2 Page - Texas Instruments

  TPA3118D2DAP Datasheet HTML 1Page - Texas Instruments TPA3118D2DAP Datasheet HTML 2Page - Texas Instruments TPA3118D2DAP Datasheet HTML 3Page - Texas Instruments TPA3118D2DAP Datasheet HTML 4Page - Texas Instruments TPA3118D2DAP Datasheet HTML 5Page - Texas Instruments TPA3118D2DAP Datasheet HTML 6Page - Texas Instruments TPA3118D2DAP Datasheet HTML 7Page - Texas Instruments TPA3118D2DAP Datasheet HTML 8Page - Texas Instruments TPA3118D2DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PACKAGE
(TOP VIEW)
32
31
30
29
19
13
14
15
16
17
18
20
1
2
3
4
5
6
7
8
9
10
11
12
21
22
23
24
28
27
26
25
FAULTZ
SDZ
SYNC
AM0
AM1
MUTE
LINN
LINP
PLIMIT
RINN
GVDD
RINP
AVCC
OUTPR
PVCC
BSPL
GND
OUTPL
PVCC
OUTNL
BSNL
PVCC
OUTNR
BSNR
MODSEL
BSPR
GND
GND
PVCC
GND
GAIN/SLV
AM2
Thermal
PAD
Top
PACKAGE
(TOP VIEW)
32
31
30
29
19
13
14
15
16
17
18
20
1
2
3
4
5
6
7
8
9
10
11
12
21
22
23
24
28
27
26
25
FAULTZ
SDZ
SYNC
AM0
AM1
MUTE
LINN
LINP
PLIMIT
RINN
GVDD
RINP
AVCC
OUTPR
PVCC
BSPL
GND
OUTPL
PVCC
OUTNL
BSNL
PVCC
OUTNR
BSNR
MODSEL
BSPR
GND
GND
PVCC
GND
GAIN/SLV
AM2
Thermal
PAD
Bottom
TPA3116D2
TPA3118D2
TPA3130D2
SLOS708B – APRIL 2012 – REVISED MAY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TERMINAL ASSIGNMENT
TPA3116D2
TPA3130D2 and TPA3118D2
32-PIN HTSSOP PACKAGE (DAD)
32-PIN HTSSOP PACKAGE (DAP)
Terminal Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
MODSEL
I
Mode selection logic input (LOW = BD mode, HIGH = 1 SPW mode). TTL logic levels with compliance to
AVCC.
2
SDZ
I
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels with
compliance to AVCC.
3
FAULTZ
DO
General fault reporting including Over-temp, DC Detect. Open drain.
FAULTZ = High, normal operation
FAULTZ = Low, fault condition
4
RINP
I
Positive audio input for right channel. Biased at 3 V.
5
RINN
I
Negative audio input for right channel. Biased at 3 V.
6
PLIMIT
I
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit. Connect directly
to GVDD for no power limit.
7
GVDD
PO
Internally generated gate voltage supply. Not to be used as a supply or connected to any component other
than a 1 µF X7R ceramic decoupling capacitor and the PLIMIT and GAIN/SLV resistor dividers.
8
GAIN/SLV
I
Selects Gain and selects between Master and Slave mode depending on pin voltage divider.
9
GND
G
Ground
10
LINP
I
Positive audio input for left channel. Biased at 3 V. Connect to GND for PBTL mode.
11
LINN
I
Negative audio input for left channel. Biased at 3 V. Connect to GND for PBTL mode.
12
MUTE
I
Mute signal for fast disable/enable of outputs (HIGH = outputs Hi-Z, LOW = outputs enabled). TTL logic
levels with compliance to AVCC.
13
AM2
I
AM Avoidance Frequency Selection
14
AM1
I
AM Avoidance Frequency Selection
(1)
TYPE: DO = Digital Output, I = Analog Input, G = General Ground, PO = Power Output, BST = Boot Strap.
2
Copyright © 2012, Texas Instruments Incorporated


유사한 부품 번호 - TPA3118D2DAP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAPR TI-TPA3118D2DAPR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

유사한 설명 - TPA3118D2DAP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com