전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD13S523PWR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD13S523PWR
상세설명  13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD13S523PWR 데이터시트(HTML) 3 Page - Texas Instruments

  TPD13S523PWR Datasheet HTML 1Page - Texas Instruments TPD13S523PWR Datasheet HTML 2Page - Texas Instruments TPD13S523PWR Datasheet HTML 3Page - Texas Instruments TPD13S523PWR Datasheet HTML 4Page - Texas Instruments TPD13S523PWR Datasheet HTML 5Page - Texas Instruments TPD13S523PWR Datasheet HTML 6Page - Texas Instruments TPD13S523PWR Datasheet HTML 7Page - Texas Instruments TPD13S523PWR Datasheet HTML 8Page - Texas Instruments TPD13S523PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HDMI Controller
To 5V Supply
TPD13S523PWR
0.1µF
0.1µF
GND Vias
Bottom Layer
Top Layer
TPD13S523
www.ti.com
SLVSBC5A – MARCH 2012 – REVISED MAY 2012
LAYOUT SCHEME USING TPD13S523
The TPD13S523 device offers little or no signal distortion during normal operation due to low IO capacitance and
ultra-low leakage current specifications. In the event of an ESD stress, this device ensures that the core circuitry
is protected and the system is functioning properly. For proper operation, the following layout/ design guidelines
should be followed:
1. Place the TPD13S523 as close to the connector as possible. This allows the TPD13S523 to take away the
energy associated with ESD strike before it reaches the internal circuitry of the system board.
2. Place two 0.1-
μF capacitors very close to the 5V_SUPPLY and 5VOUT pins. These capacitors will help limit
the noise at the 5VOUT power line, and also help with system level ESD protection.
3. Ensure that there is enough metallization for the GND pad. During normal operation, the TPD13S523 ESD
pins consume ultra low leakage current. During the ESD event, GND pin will see multiple amps current.
Sufficient current paths enables safe discharge of all the energy associated with the ESD strike.
4. Leave the unused IO pins floating. If there is no UTILITY pin protection required, it is recommended to leave
CTRL5 open (Figure 2). Connect the CEC, SCL, SDA, and HPD lines to CTRL1-CTRL4 pins.
5. The critical routing paths for HMDI interface are the high-speed TMDS lines. With the PW package, all the
TMDS lines (pin Dxx) can be routed in a single signal plane and still maintain the differential coupling & trace
symmetry. This helps reduce the overall board manufacturing cost. The slow speed control lines can be
routed in another signal layer through VIAs.
Figure 2. TPD13S523PWR Layout Example 12-Line HDMI Protection (Leave CTRL5 Open)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPD13S523


유사한 부품 번호 - TPD13S523PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD13S523PWR TI1-TPD13S523PWR Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
More results

유사한 설명 - TPD13S523PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com