전자부품 데이터시트 검색엔진 |
|
TPS59650RSLT 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
TPS59650RSLT 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 50 page TPS51650, TPS59650 www.ti.com SLUSAV7 – JANUARY 2012 PIN I/O DESCRIPTION NAME NO. Voltage divider to VREF. A resistor to GND sets the operating frequency of the CPU converter. The voltage level CF-IMAX 3 I sets the maximum operating current of the CPU converter. The IMAX value is an 8-bit A/D where VIMAX = VREF × IMAX / 255. Both are latched at start-up. Voltage sense return tied for the CPU converter. Tie to GND with a 10- Ω resistor to close feedback when the CGFB 12 I microprocessor is not in the socket. Resistor to GND (RCOCP) selects 1 of 8 OCP levels (per phase, latched at start-up) of the CPU converter. Also, COCP-R 2 I voltage on this pin sets 1 of 8 USR/OSR levels for CPU converter. CPGOOD 17 O IMVP-7_PWRGD output for the CPU converter. Open-drain. CSW1 45 I/O Top N-channel FET gate drive return for CPU phase 1. CSW2 40 I/O Top N-channel FET gate drive return for CPU phase 2. CPWM3 36 O PWM control for the external driver, 5V logic level. Thermal sensor connection for the CPU converter. A resistor connected to VREF forms a divider with an NTC CTHERM 1 I/O thermistor connected to GND. Voltage sense line tied directly to VCORE of the CPU converter. Tie to VCORE with a 10-Ω resistor to close CVFB 11 I feedback when µP is not in the socket. The soft-stop transistor is on this pin GCOMP 27 O Output of gM error amplifier for the GPU converter. A resistor to VREF sets the droop gain. GCSN1 28 I Negative current sense input for the GPU converter. Connect to the most negative node of current sense resistor or inductor DCR sense network. GCSN2 31 I GCSP1 29 I Positive current sense input for the GPU converter. Connect to the most positive node of current sense resistor or inductor DCR sense network. Tie GCSP2 to V3R3 to disable the phase. Tie GCSP1 and GCSP2 to V3R3 to GCSP2 30 I disable completely the GPU converter. Voltage sense return tied for the GPU converter. Tie to GND with a 10- Ω resistor to close feedback when the GGFB 25 I microprocessor is not in the socket. 24 I Voltage divider to VREF. R to GND sets the operating frequency of the GPU converter. The voltage level sets GF-IMAX the maximum operating current of the GPU converter. The IMAX value is an 8-bit A/D where VIMAX = VREF × IMAX / 255. Both are latched at start-up. 13 I Resistor to GND (RGOCP) selects 1 of 8 OCP levels (per phase, latched at start-up) of the GPU converter. Also, GOCP-R voltage on this pin sets 1 of 8 USR/OSR levels for GPU converter. GPGOOD 23 O IMVP-7_PWRGD output for the GPU converter. Open-drain. GPWM1 34 O PWM control input for the external driver for the two phases of GPU channel (5-V logic level). GPWM2 35 O 33 O Skip mode control of the external driver for the GPU converter; 5-V logic level. Logic HI = FCCM; LO = SKIP. A GSKIP defined voltage level on this pin at start-up can turn OSR OFF or USR OFF. 32 I/O Thermal sensor input for the GPU converter. A resistor connected to VREF forms a divider with an NTC GTHERM thermistor connected to GND. 26 I Voltage sense line tied directly to VGFX of the GPU converter. Tie to VGFX with a 10-Ω resistor to close feedback GVFB when the microprocessor is not in the socket. The soft-stop transistor is on this pin PGND 42 – Synchronous N-channel FET gate drive return. 22 I The voltage at start-up sets 1 of 7 slew rates for both converters. The SLOW rate is SLEWRATE/4. Soft-start SLEWA and soft-stop rates are SLEWRATE/8. This value is latched at start-up. For TPS59650, the resistor to GND sets the base SVID address. 48 I 5-V power input for analog circuits; connect through resistor to 5-V plane and bypass to GND with ≥1 µF ceramic V5 capacitor 43 I Power input for the gate drivers; connected with an external resistor to V5F; decouple with a ≥2.2 µF ceramic V5DRV capacitor. V3R3 15 I 3.3-V power input; bypass to GND with ≥1 µF ceramic cap. 37 I Provides VBAT information to the on-time circuits for both converters. A 10-k Ω series resistor protects the VBAT adjacent pins from inadvertent shorts due to solder bridges or mis-probing during test. VCLK 18 I SVID clock. 1-V logic level. VDIO 20 I/O SVID digital I/O line. 1-V logic level. VREF 14 O 1.7-V, 500- µA reference. Bypass to GND with a 0.22-µF ceramic capacitor. VR_ON 16 I IMVP-7 VR enable; 1V I/O level; 100-ns de-bounce. Regulator enters controlled soft-stop when brought low. 21 O IMVP-7 thermal flag open drain output – active low. Typically pulled up to 1-V logic level through 56 Ω. Fall time VR_HOT < 100 ns. 1-ms de-glitch using consecutive 1-ms samples. Copyright © 2012, Texas Instruments Incorporated Submit Documentation Feedback 11 |
유사한 부품 번호 - TPS59650RSLT |
|
유사한 설명 - TPS59650RSLT |