전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2003LV 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 ULN2003LV
상세설명  7-Channel Relay and Inductive Load Sink Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003LV 데이터시트(HTML) 2 Page - Texas Instruments

  ULN2003LV Datasheet HTML 1Page - Texas Instruments ULN2003LV Datasheet HTML 2Page - Texas Instruments ULN2003LV Datasheet HTML 3Page - Texas Instruments ULN2003LV Datasheet HTML 4Page - Texas Instruments ULN2003LV Datasheet HTML 5Page - Texas Instruments ULN2003LV Datasheet HTML 6Page - Texas Instruments ULN2003LV Datasheet HTML 7Page - Texas Instruments ULN2003LV Datasheet HTML 8Page - Texas Instruments ULN2003LV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ULN2003LV
SLRS059A – APRIL 2012 – REVISED APRIL 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PART NUMBER
PACKAGE
TOP-SIDE MARKING
ULN2003LVDR
16-Pin SOIC
Reel of 2500
UN2003LV
–40°C to 85°C
ULN2003LVPWR
16-Pin TSSOP
Reel of 2000
UN2003LV
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Specified at TJ = –40°C to 125°C unless otherwise noted.
VALUE
UNIT
MIN
MAX
VIN
Pins IN1- IN7 to GND voltage
–0.3
5.5
V
VOUT
Pins OUT1 – OUT7 to GND voltage
8
V
VCOM
Pin COM to GND voltage
8
V
Max GND-pin continuous current (TJ > +125°C)
700
mA
IGND
Max GND-pin continuous current (TJ < +100°C)
1.0
A
16 Pin - SOIC
0.58
W
PD
Total device power dissipation at TA = 85°C
16 Pin -TSSOP
0.45
W
ESD Rating – HBM
2
kV
ESD
ESD Rating – CDM
500
V
TA
Operating free-air ambient temperature range
–40
85
°C
TJ
Operating virtual junction temperature
–55
150
°C
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
DISSIPATION RATINGS
(1) (2)
BOARD
PACKAGE
θJC
θJA
(3)
DERATING
TA < 25°C
TA = 70°C
TA = 85°C
FACTOR ABOVE
TA = 25ºC
High-K
16-Pin SOIC
69°C/W
112°C/W
8.88 mW/ºC
1.11 W
0.71 W
0.58 W
High-K
16-Pin TSSOP
74°C/W
142°C/W
7.11 mW/ºC
0.88 W
0.56 W
0.45 W
(1)
Maximum dissipation values for retaining device junction temperature of 150°C
(2)
Refer to TI’s design support web page at www.ti.com/thermal for improving device thermal performance
(3)
Operating at the absolute TJ-max of 150°C can affect reliability– for higher reliability it is recommended to ensure TJ < 125°C
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ULN2003LV


유사한 부품 번호 - ULN2003LV

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
ULN2003L ALLEGRO-ULN2003L Datasheet
176Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULN2003L ALLEGRO-ULN2003L Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
List of Unclassifed Man...
ULN2003L ETC1-ULN2003L Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Allegro MicroSystems
ULN2003L ALLEGRO-ULN2003L Datasheet
182Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2003L-D16-T UTC-ULN2003L-D16-T Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results

유사한 설명 - ULN2003LV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ULN2003V12 TI1-ULN2003V12 Datasheet
1Mb / 18P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com