전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q68000-A3386 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 Q68000-A3386
부품 상세설명  PNP Silicon AF Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q68000-A3386 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  Q68000-A3386 Datasheet HTML 1Page - Siemens Semiconductor Group Q68000-A3386 Datasheet HTML 2Page - Siemens Semiconductor Group Q68000-A3386 Datasheet HTML 3Page - Siemens Semiconductor Group Q68000-A3386 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon AF Transistors
SMBTA 55
SMBTA 56
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SMBTA 55
SMBTA 56
Q68000-A3386
Q68000-A2882
s2H
s2G
SOT-23
1
2
3
B
E
C
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TS
= 79 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient2)
Rth JA
285
K/W
500
330
150
– 65 … + 150
Emitter-base voltage
VEB0
60
80
SMBTA 55
SMBTA 56
Junction - soldering point
Rth JS
215
4
60
80
Peak collector current
ICM
A
1
Peak base current
IBM
200
Base current
IB
mA
100
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Complementary types: SMBTA 05, SMBTA 06 (NPN)
5.91


유사한 부품 번호 - Q68000-A3386

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q68000-A3360 SIEMENS-Q68000-A3360 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
Q68000-A3361 SIEMENS-Q68000-A3361 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
Q68000-A3365 SIEMENS-Q68000-A3365 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
Q68000-A3366 SIEMENS-Q68000-A3366 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
Q68000-A3367 SIEMENS-Q68000-A3367 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
More results

유사한 설명 - Q68000-A3386

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
Siemens Semiconductor Group
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
Infineon Technologies AG
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
BCP51 INFINEON-BCP51 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
Infineon Technologies AG
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz