전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAE1453 데이터시트(PDF) 8 Page - Siemens Semiconductor Group

부품명 TAE1453
상세설명  Single PNP-Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TAE1453 데이터시트(HTML) 8 Page - Siemens Semiconductor Group

Back Button TAE1453 Datasheet HTML 3Page - Siemens Semiconductor Group TAE1453 Datasheet HTML 4Page - Siemens Semiconductor Group TAE1453 Datasheet HTML 5Page - Siemens Semiconductor Group TAE1453 Datasheet HTML 6Page - Siemens Semiconductor Group TAE1453 Datasheet HTML 7Page - Siemens Semiconductor Group TAE1453 Datasheet HTML 8Page - Siemens Semiconductor Group TAE1453 Datasheet HTML 9Page - Siemens Semiconductor Group TAE1453 Datasheet HTML 10Page - Siemens Semiconductor Group TAE1453 Datasheet HTML 11Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TAE 1453
TAF 1453
Semiconductor Group
8
1) C
k = 15 pF
Characteristics (TAF 1453 G)
V
S = ± 2.5 V, RL = 10 kΩ
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit
Values
T
A = – 55
to 125
°C
Unit
min.
typ.
max. min.
max.
Slew rate
for non-inverting operation
Slew rate
for inverting operation
SR
SR
6
6
2
2
12
11
V/
µs1)
V/
µs1)
Input offset voltage,
R
G = 50 Ω
V
IO
–4
4
– 6
6
mV
Input offset current
Input current
I
IO
I
I
–50
40
50
100
–75
75
150
nA
nA
Open-loop voltage gain
G
V0
75
70
dB


유사한 부품 번호 - TAE1453

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TAE-3D0505H6 TRUMPOWER-TAE-3D0505H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
TAE-3D0512H6 TRUMPOWER-TAE-3D0512H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
TAE-3D0515H6 TRUMPOWER-TAE-3D0515H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
TAE-3D1205H6 TRUMPOWER-TAE-3D1205H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
TAE-3D1212H6 TRUMPOWER-TAE-3D1212H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
More results

유사한 설명 - TAE1453

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TAE2453 SIEMENS-TAE2453 Datasheet
125Kb / 8P
   Dual PNP-Operational Amplifiers
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
logo
Texas Instruments
TLV2711CDBVR TI1-TLV2711CDBVR Datasheet
813Kb / 32P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com