전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TAE2453 데이터시트(PDF) 5 Page - Siemens Semiconductor Group

부품명 TAE2453
부품 상세설명  Dual PNP-Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TAE2453 데이터시트(HTML) 5 Page - Siemens Semiconductor Group

  TAE2453 Datasheet HTML 1Page - Siemens Semiconductor Group TAE2453 Datasheet HTML 2Page - Siemens Semiconductor Group TAE2453 Datasheet HTML 3Page - Siemens Semiconductor Group TAE2453 Datasheet HTML 4Page - Siemens Semiconductor Group TAE2453 Datasheet HTML 5Page - Siemens Semiconductor Group TAE2453 Datasheet HTML 6Page - Siemens Semiconductor Group TAE2453 Datasheet HTML 7Page - Siemens Semiconductor Group TAE2453 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAE 2453
TAF 2453
Semiconductor Group
5
Input impedance,
f = 1 kHz
Z
I
200
k
Open-loop voltage gain,
R
L = 2 kΩ
G
V0
80
85
80
dB
Output reverse current
I
QR
10
20
µA
Common-mode input
voltage range,
R
L = 2 kΩ
V
IC
V
S
– 0.2
V
S
– 1.8
V
S
V
S
– 2.0
V
Common-mode rejection,
R
L = 2 kΩ
k
CMR
75
80
75
dB
Supply voltage rejection
G
V = 100
k
SVR
25
100
100
µV/V
Temperature coefficient of
I
IO
R
G = 50 Ω
Temperature coefficient of
V
IO
R
G = 50 Ω
α
IIO
α
VIO
0.1
6
nA/K
µV/K
Slew rate for
non-inverting operation
Slew rate for
inverting operation
SR
SR
0.65
1.1
0.25
0.5
1.0
1.6
V/
µs
V/
µs
Characteristics (TAE 2453 G) (cont’d)
V
S = ± 5V to ± 15 V; RL = 10 kΩ,
unless otherwise specified
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit Values
T
A = – 25
to 85
°C
Unit
min.
typ.
max.
min.
max.


유사한 부품 번호 - TAE2453

제조업체부품명데이터시트부품 상세설명
Tumbler Technologies + TRUMPower
Tumbler Technologies + ...
TAE-3D0505H6 TRUMPOWER-TAE-3D0505H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
TAE-3D0512H6 TRUMPOWER-TAE-3D0512H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
TAE-3D0515H6 TRUMPOWER-TAE-3D0515H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
TAE-3D1205H6 TRUMPOWER-TAE-3D1205H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
TAE-3D1212H6 TRUMPOWER-TAE-3D1212H6 Datasheet
29Kb / 1P
   DC/DC CONVERTERS
More results

유사한 설명 - TAE2453

제조업체부품명데이터시트부품 상세설명
HTC Korea TAEJIN Technology Co.
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
KODENSHI_AUK CORP.
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
Integral Corp.
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
List of Unclassifed Manufacturers
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
Texas Instruments
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
Texas Instruments
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com