전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67000-A2106 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 Q67000-A2106
부품 상세설명  Single PNP-Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A2106 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

Back Button Q67000-A2106 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A2106 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A2106 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A2106 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A2106 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A2106 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A2106 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A2106 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A2106 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TAE 1453
TAF 1453
Semiconductor Group
6
Characteristics (TAE 1453 G)
V
S = ± 2.5 V, RL = 10 kΩ
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit
Values
T
A = – 25
to 85
°C
Unit
min.
typ.
max. min.
max.
Input offset voltage,
R
G = 50 Ω
V
IO
– 6
6
– 7.5 7.5
mV
Input offset current
Input current
I
IO
I
I
–15
40
15
150
– 100
100
200
nA
nA
Open-loop voltage gain
G
V0
70
70
dB
Absolute Maximum Ratings (TAF 1453 G)
Parameter
Symbol
Limit Values
Unit
Supply voltage
V
S
± 18
V
Output current
I
Q
100
mA
Differential input voltage
V
ID
± V
S
V
Junction temperature
Storage temperature range
T
j
T
stg
150
– 55 to 125
°C
°C
Thermal resistance
system - air
TAF 1453 G
R
th SA
200
K/W
Operating Range (TAF 1453 G)
Supply voltage
V
S
± 2 to ± 18
(
± 1.5 V with
slightly increased
offset voltage)
V
Ambient temperature
T
A
– 55 to 125
°C


유사한 부품 번호 - Q67000-A2106

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67000-A2108 SIEMENS-Q67000-A2108 Datasheet
125Kb / 8P
   Dual PNP-Operational Amplifiers
More results

유사한 설명 - Q67000-A2106

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
Panasonic Semiconductor
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
Siemens Semiconductor Group
Siemens Semiconductor G...
TAE2453 SIEMENS-TAE2453 Datasheet
125Kb / 8P
   Dual PNP-Operational Amplifiers
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
National Semiconductor (TI)
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
STMicroelectronics
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
Texas Instruments
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
Linear Technology
Linear Technology
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
Texas Instruments
Texas Instruments
TLV2711CDBVR TI1-TLV2711CDBVR Datasheet
813Kb / 32P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz