전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA16888 데이터시트(Datasheet) 6 Page - Siemens Semiconductor Group

부품명 TDA16888
상세내용  High Performance Power Combi Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo 

 
 6 page
background image
TDA 16888
Semiconductor Group
6
Data Sheet 1998-05-06
2
Functional Description
Power Supply
The TDA 16888 is protected against overvoltages typically above 17.5 V by an internal
Zener diode Z3 at pin 9 (
V
CC) and against electrostatic discharging at any pin by special
ESD circuitry.
By means of its power management the TDA 16888 will switch from internal stand-by,
which is characterized by negligible current consumption, to operation mode as soon as
a supply voltage threshold of 14 V at pin 9 (
V
CC) is exceeded. To avoid uncontrolled
ringing at switch-over an undervoltage lockout is implemented, which will cause the
power management to switch from operation mode to internal stand-by as soon as the
supply voltage falls below a threshold of 11 V. Therefore, even if the supply voltage will
fall below 14 V, operation mode will be maintained as long as the supply voltage is well
above 11 V.
As soon as the supply voltage has stabilized, which is determined by the TDA 16888’s
power management and its soft-start feature at pin 13 (PWM SS), the PWM section will
be enabled by means of its internal bias control.
Protection Circuitry
Both PFC and PWM section are equipped with a fast overvoltage protection (C6)
sensing at pin 19 (PFC VS), which when being activated will immediately shut down both
gate drives. In addition to improve the PFC section’s load regulation it uses a fast but soft
overvoltage protection (OTA2) prior to the one described above, which when being
activated will cause a well controlled throttling of the multiplier output
Q
M.
In case an undervoltage of the PFC output voltage is detected at pin 19 (PFC VS) by
comparator C4 the gate drive of the PWM section will be shut down in order to reduce
the load current and to increase the PFC output voltage. This undervoltage shutdown
has to be prior to the undervoltage lockout of the internal power management and
therefore has to be bound to a threshold voltage at pin 9 (
V
CC) well above 11 V.
In order to prevent the external circuitry from destruction the PFC output PFC OUT
(pin 8) will immediately be switched off by comparator C2, if the voltage at pin 19
(PFC VS) drops to ground caused by a broken wire. In a similar way measures are taken
to handle a broken wire at any other pin in order to ensure a safe operation of the IC and
its adjoining circuitry.
If necessary both outputs, PFC OUT (pin 8) and PWM OUT (pin 10), can be shutdown
on external request. This is accomplished by shorting the external reference voltage at
pin 2 (
V
REF) to ground. To protect the external reference, it is equipped with a foldback
characteristic, which will cut down the output current when
V
REF (pin 2) is shorted (see
Figure 4).




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA16888High Performance Power Combi Controller 1 2 3 4 5 MoreInfineon Technologies AG
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120HVHigh Voltage Synchronous Buck Controller Ideal for 2A to 20A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SC1401HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER 1 2 3 4 5 MoreSemtech Corporation
SI9140SMP Controller For High Performance Process Power Supplies 1 2 3 4 5 MoreVishay Siliconix
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
MC34065HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER 1 2 3 4 5 MoreON Semiconductor
UC2842AHIGH PERFORMANCE CURRENT MODE PWM CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
ADMC401Single-Chip DSP-Based High Performance Motor Controller 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl