전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4340X 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 TDA4340X
상세설명  Stereo Decoder/Noise Blanker
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4340X 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

Back Button TDA4340X Datasheet HTML 2Page - Siemens Semiconductor Group TDA4340X Datasheet HTML 3Page - Siemens Semiconductor Group TDA4340X Datasheet HTML 4Page - Siemens Semiconductor Group TDA4340X Datasheet HTML 5Page - Siemens Semiconductor Group TDA4340X Datasheet HTML 6Page - Siemens Semiconductor Group TDA4340X Datasheet HTML 7Page - Siemens Semiconductor Group TDA4340X Datasheet HTML 8Page - Siemens Semiconductor Group TDA4340X Datasheet HTML 9Page - Siemens Semiconductor Group TDA4340X Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TDA 4340X
Semiconductor Group
6
04.96
3
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
3.1
Absolute Maximum Ratings
T
A = – 40 °C to 85 °C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
PLL loopfilter
V
1
05
V
Oscillator
I
2
– 1
0.1
mA
Reference current
I
4
– 1
0
mA
Supply voltage
V
5
0
13.2
V
Noise detector input
V
6
05
V
Noise gate monoflop
V
7
0
V
5
V
Noise level capacitor
V
8
0
V
5 – 1.5
V
Output amplifier left
V
9
06
V
AF output left
I
10
– 1
0.3
mA
AF output right
I
11
– 1
0.3
mA
Output amplifier right
V
12
06
V
Deemphasis right
V
13
05
V
Deemphasis left
V
14
05
V
HCC voltage
V
15
0
13.2
V
SNC voltage
V
16
0
13.2
V
Reference level voltage
V
17
0
13.2
V
Pilot indicator output
I
18
02
mA
Pilot detector output
V
19
0
V
5 – 1.5
V
MPX input
V
20
06
V
Junction temperature
T
j
– 40
150
°C
Storage temperature
T
S
– 40
125
°C
Thermal resistance
R
thSA
95
K/W
ESD voltage, HBM
V
ESD
– 4
4
kV
100 pF, 1500


유사한 부품 번호 - TDA4340X

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4320X SIEMENS-TDA4320X Datasheet
521Kb / 16P
   FM-IF with Counter Output, Field Strength Indicator, Noise Detector and MUTE Setting
logo
List of Unclassifed Man...
TDA4321XS ETC-TDA4321XS Datasheet
110Kb / 16P
   FM-IF IC with counter output, analog STS, field strength indicator, noise detector and mute setting
logo
Siemens Semiconductor G...
TDA4350X SIEMENS-TDA4350X Datasheet
1Mb / 32P
   Audioprocessor
TDA4360X SIEMENS-TDA4360X Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
TDA4362 SIEMENS-TDA4362 Datasheet
92Kb / 2P
   The Weatherband IC
More results

유사한 설명 - TDA4340X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
logo
Allegro MicroSystems
3845 ALLEGRO-3845 Datasheet
233Kb / 8P
   AM NOISE BLANKER
logo
STMicroelectronics
TDA7338 STMICROELECTRONICS-TDA7338_05 Datasheet
543Kb / 12P
   STEREO DECODER
TDA7338 STMICROELECTRONICS-TDA7338 Datasheet
103Kb / 11P
   STEREO DECODER
December 1996
logo
List of Unclassifed Man...
TCA4500A ETC-TCA4500A Datasheet
129Kb / 4P
   STEREO DECODER
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
National Semiconductor ...
LM1884 NSC-LM1884 Datasheet
74Kb / 3P
   TV STEREO DECODER
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com