전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67000-A5183 데이터시트(PDF) 14 Page - Siemens Semiconductor Group

부품명 Q67000-A5183
부품 상세설명  Audioprocessor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5183 데이터시트(HTML) 14 Page - Siemens Semiconductor Group

Back Button Q67000-A5183 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 11Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 12Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 13Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 14Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 15Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 16Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 17Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 18Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
TDA 4390-2X
Semiconductor Group
14
02.96
Note: Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
3.2
Operating Range
Note: In the operating range the functions given in the circuit description are fulfilled.
Max. DC current
I
15
02mA
Max. DC current
I
16
02mA
Max. DC current
I
17
02mA
Max. DC current
I
19
02mA
Max. DC current
I
24
02mA
Junction temperature
T
j
150
°C
Storage temperature
T
S
– 40
125
°C
Thermal resistance
R
thSA
76
K/W
Parameter
Symbol
Limit Values
Unit
min.
max.
Supply voltage
V
S
7.5
13.2
V
Ambient temperature range
T
A
–40
85
°C
Input frequency range
ƒ
I
0.01
20
kHz
3.1
Absolute Maximum Ratings (cont’d)
T
A = – 40 °C to 85 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.


유사한 부품 번호 - Q67000-A5183

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67000-A5181 SIEMENS-Q67000-A5181 Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
Q67000-A5184 SIEMENS-Q67000-A5184 Datasheet
254Kb / 17P
   Multistandard Sound IF
Q67000-A5186 SIEMENS-Q67000-A5186 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
More results

유사한 설명 - Q67000-A5183

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
TDA4350X SIEMENS-TDA4350X Datasheet
1Mb / 32P
   Audioprocessor
STMicroelectronics
STMicroelectronics
TDA7462 STMICROELECTRONICS-TDA7462 Datasheet
377Kb / 25P
   DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz