전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67000-A5183 데이터시트(PDF) 18 Page - Siemens Semiconductor Group

부품명 Q67000-A5183
부품 상세설명  Audioprocessor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5183 데이터시트(HTML) 18 Page - Siemens Semiconductor Group

Back Button Q67000-A5183 Datasheet HTML 14Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 15Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 16Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 17Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 18Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 19Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 20Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 21Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
TDA 4390-2X
Semiconductor Group
18
02.96
Tone linearity
V
13
± 3
dB
05, 89;
f
i = 40 Hz … 15 kHz
treble, bass lin
1
Tone linearity
V
14
± 3
dB
05, 89;
fi = 40 Hz … 15 kHz
treble, bass lin
1
Tone linearity
V
15
± 3
dB
05, 89;
fi = 40 Hz … 15 kHz
treble, bass lin
1
Tone linearity
V
16
± 3
dB
05, 89;
fi = 40 Hz … 15 kHz
treble, bass lin
1
Channel separation
V
14-15
60
dB
V
6 or V23 = 300 mVrms
1
Channel separation
V
13-16
60
dB
V
6 or V23 = 300 mVrms
1
Crosstalk of the
switch1)
a
input unwanted/
output wanted
80
dB
V
i wanted = 0
V
i unwanted = 300 mVrms
1
Attenuation MUTE2)
a
1-5
80
dB
01, 00-03, 00;
V
1 = 300 mVrms; Vol 0
1
Attenuation MUTE2)
a
1-5
80
dB
07, C0;
V
1 = 300 mVrms
MUTE active
1
Attenuation MUTE2)
a
1-5
80
dB
07, 00;
V
1 = 300 mVrms
not select
1
Attenuation MUTE3)
a
28-24
80
dB
00, 00 to 03, 00;
V
28 = 300 mVrms; Vol 0
1
Attenuation MUTE3)
a
28-24
80
dB
07, 00;
V
28 = 300 mVrms
MUTE active
1
Attenuation MUTE3)
a
28-24
80
dB
07, 00;
V
28 = 300 mVrms
not select
1
1)
Same values apply for feeding in on pins 1 … 4 or 25 … 28, and measurement on pins 5 or 24.
2)
Analogous values apply for feeding in on pins 2, 3, 4.
3)
Same values apply for feeding in on pins 25, 26, 27.
3.3
AC/DC Characteristics (cont’d)
V
S = 10 V, TA = – 40 °C to 85 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
Test
Circuit
min. typ.
max.


유사한 부품 번호 - Q67000-A5183

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67000-A5181 SIEMENS-Q67000-A5181 Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
Q67000-A5184 SIEMENS-Q67000-A5184 Datasheet
254Kb / 17P
   Multistandard Sound IF
Q67000-A5186 SIEMENS-Q67000-A5186 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
More results

유사한 설명 - Q67000-A5183

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
TDA4350X SIEMENS-TDA4350X Datasheet
1Mb / 32P
   Audioprocessor
STMicroelectronics
STMicroelectronics
TDA7462 STMICROELECTRONICS-TDA7462 Datasheet
377Kb / 25P
   DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz