전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67000-A5183 데이터시트(PDF) 24 Page - Siemens Semiconductor Group

부품명 Q67000-A5183
부품 상세설명  Audioprocessor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5183 데이터시트(HTML) 24 Page - Siemens Semiconductor Group

Back Button Q67000-A5183 Datasheet HTML 20Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 21Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 22Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 23Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 24Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 25Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 26Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 27Page - Siemens Semiconductor Group Q67000-A5183 Datasheet HTML 28Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
TDA 4390-2X
Semiconductor Group
24
02.96
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A =25 ° C and
the given supply voltage.
Inputs SCL, SDA
Input voltage
V
QH
3
5.5
V
V
QL
1.5
V
Hysteresis
V
HYS
0.2
V
Spike suppression
t
SP
50
ns
Input current
I
QH
50
µA
V
QL
100
µA
Output SDA (open collector)
Output voltage
V
QH
5.4
V
R
L = 2.5 kΩ
V
QL
0.4
V
I
QL = 3 mA
Reset inactive
V
L
1.5
V
Reset active
V
H
3
5.5
V
3.3
AC/DC Characteristics (cont’d)
V
S = 10 V, TA = – 40 °C to 85 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
Test
Circuit
min. typ.
max.


유사한 부품 번호 - Q67000-A5183

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67000-A5181 SIEMENS-Q67000-A5181 Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
Q67000-A5184 SIEMENS-Q67000-A5184 Datasheet
254Kb / 17P
   Multistandard Sound IF
Q67000-A5186 SIEMENS-Q67000-A5186 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
More results

유사한 설명 - Q67000-A5183

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
TDA4350X SIEMENS-TDA4350X Datasheet
1Mb / 32P
   Audioprocessor
STMicroelectronics
STMicroelectronics
TDA7462 STMICROELECTRONICS-TDA7462 Datasheet
377Kb / 25P
   DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz