![]() |
전자부품 데이터시트 검색엔진 |
|
Q67000-A5066 데이터시트(PDF) 1 Page - Siemens Semiconductor Group |
|
Q67000-A5066 데이터시트(HTML) 1 Page - Siemens Semiconductor Group |
1 / 20 page ![]() The IC TDA 4605-3 controls the MOS-power transistor and performs all necessary control and protection functions in free running flyback converters. Because of the fact that a wide load range is achieved, this IC is applicable for consumer as well as industrial power supplies. The serial circuit and primary winding of the flyback transformer are connected in series to the input voltage. During the switch-on period of the transistor, energy is stored in the transformer. During the switch-off period the energy is fed to the load via the secondary winding. By varying switch-on time of the power transistor, the IC controls each portion of energy transferred to the secondary side such that the output voltage remains nearly independent of load variations. The required control information is taken from the input voltage during the switch-on period and from a regulation winding during the switch-off period. A new cycle will start if the transformer has transferred the stored energy completely into the load. Type Ordering Code Package TDA 4605-3 Q67000-A5066 P-DIP-8-1 Control IC for Switched-Mode Power Supplies using MOS-Transistor Bipolar IC TDA 4605-3 P-DIP-8-1 Features q Fold-back characteristics provides overload protection for external components q Burst operation under secondary short-circuit condition implemented q Protection against open or a short of the control loop q Switch-off if line voltage is too low (undervoltage switch-off) q Line voltage depending compensation of fold-back point q Soft-start for quiet start-up without noise generated by the transformer q Chip-over temperature protection implemented (thermal shutdown) q On-chip ringing suppression circuit against parasitic oscillations of the transformer q AGC-voltage reduction at low load Semiconductor Group 74 06.94 |
유사한 부품 번호 - Q67000-A5066 |
|
유사한 설명 - Q67000-A5066 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |