전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4700A 데이터시트(PDF) 7 Page - Siemens Semiconductor Group

부품명 TDA4700A
상세설명  Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4700A 데이터시트(HTML) 7 Page - Siemens Semiconductor Group

Back Button TDA4700A Datasheet HTML 3Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 4Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 5Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 6Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 7Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 8Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 9Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 10Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TDA 4700
TDA 4718
Semiconductor Group
7
Pulse-Turn-OFF Flipflop
The pulse turn-OFF flipflop enables the outputs at the start of each half cycle. If an error
signal from comparator K7 or a turn-off signal from K2 is present, the outputs will
immediately be switched off.
Comparator K3
Comparator K3 limits the voltage at capacitance
C
soft start (and also at K2) to a maximum
of + 5 V. The voltage at the ramp generator output may, however rise to 5.5 V. With a
corresponding slope of the rising ramp generator edge, the duty cycle can be limited to
a desired maximum value.
Comparator K4
The comparator has its switching threshold at 1.5 V and sets the error flipflop with its
output if the voltage at capacitance C
soft start is below 1.5 V. However, the error flipflop
accepts the set signal only if no reset pulse (error) is applied. In this way the outputs
cannot be turned on again as long as an error signal is present.
Soft Start
The lower one of the two voltages at the plus inputs of K2 is a measure for the duty cycle
at the output. At the instant of turning on the component, the voltage at capacitor
C
soft start
equals 0 V. As long as no error is present, this capacitor is charged with a current of 6
µA
to the maximum value of 5 V. In case of an error,
C
soft start is discharged with a current of
2
µA. A set signal is pending at the error flipflop below a charge of 1.5 V and the outputs
are enabled if no reset signal is pending simultaneously. As the minimum ramp
generator voltage, however, is 1.8 V, the duty cycle at the outputs is actually increased
slowly and continuously not before the voltage at
C
soft start exceeds 1.8 V.
Error Flipflop
Error signals, which are led to input R of the error flipflop cause an immediate disabling
of the outputs, and after the error has been eliminated, cause the component to switch
on again by the soft start.
Comparator K5, K6, K8,
V
REF Overcurrent Load
These are error detectors which cause immediate disabling of the outputs via the error
flipflop when an error occurs. After elimination of the error, the component switches on
again using the soft start. The output of K5 can be fed back to the input. This causes the
IC output stage to remain disabled even after elimination of the overvoltage. However, it
requires high-ohmic overvoltage coupling.


유사한 부품 번호 - TDA4700A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
TDA4716C SIEMENS-TDA4716C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
logo
NXP Semiconductors
TDA4725 PHILIPS-TDA4725 Datasheet
425Kb / 13P
   SECAM-L CHROMINANCE PROCESSOR FOR VHS VIDEO RECORDERS
October 1990
TDA4725T PHILIPS-TDA4725T Datasheet
425Kb / 13P
   SECAM-L CHROMINANCE PROCESSOR FOR VHS VIDEO RECORDERS
October 1990
logo
Sharma Electro Componen...
TDA474K35CB SHARMA-TDA474K35CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

유사한 설명 - TDA4700A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com