전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4700A 데이터시트(PDF) 1 Page - Siemens Semiconductor Group

부품명 TDA4700A
상세설명  Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4700A 데이터시트(HTML) 1 Page - Siemens Semiconductor Group

  TDA4700A Datasheet HTML 1Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 2Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 3Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 4Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 5Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 6Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 7Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 8Page - Siemens Semiconductor Group TDA4700A Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
s Not for new design
These versatile SMPS control ICs comprise digital and
analog functions which are required to design high-
quality flyback, single-ended and push-pull converters
in normal, half-bridge and full-bridge configurations.
The component can also be used in single-ended
voltage
multipliers
and
speed-controlled
motors.
Malfunctions in electrical operation are recognized by
the integrated operational amplifiers, which activate
protective functions.
Type
Ordering Code
Package
Temp.-Range
TDA 4700 A
Q67000-Y594
P-DIP-24-1
– 0 to 70
°C
TDA 4718 A
Q67000-Y639
P-DIP-18-1
– 0 to 70
°C
s
1)
Is now available for temperature range – 25 to 85
°C.
Control IC for Single-Ended and Push-Pull
Switched-Mode Power Supplies (SMPS)
P-DIP-24-1
P-DIP-18-1
Features
q
Feed-forward control (line hum suppression)
q
Symmetry inputs for push-pull converter
(TDA 4700)
q
Push-pull outputs
q
Dynamic output current limitation
q
Overvoltage protection
q
Undervoltage protection
q
Soft start
q
Double pulse suppression
Semiconductor Group
1
05.95
TDA 4700
TDA 4718


유사한 부품 번호 - TDA4700A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
TDA4716C SIEMENS-TDA4716C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
logo
NXP Semiconductors
TDA4725 PHILIPS-TDA4725 Datasheet
425Kb / 13P
   SECAM-L CHROMINANCE PROCESSOR FOR VHS VIDEO RECORDERS
October 1990
TDA4725T PHILIPS-TDA4725T Datasheet
425Kb / 13P
   SECAM-L CHROMINANCE PROCESSOR FOR VHS VIDEO RECORDERS
October 1990
logo
Sharma Electro Componen...
TDA474K35CB SHARMA-TDA474K35CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

유사한 설명 - TDA4700A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com