전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4814A 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 TDA4814A
상세설명  Power Factor Controller IC for High Power Factor and Active Harmonic Filter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4814A 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  TDA4814A Datasheet HTML 1Page - Siemens Semiconductor Group TDA4814A Datasheet HTML 2Page - Siemens Semiconductor Group TDA4814A Datasheet HTML 3Page - Siemens Semiconductor Group TDA4814A Datasheet HTML 4Page - Siemens Semiconductor Group TDA4814A Datasheet HTML 5Page - Siemens Semiconductor Group TDA4814A Datasheet HTML 6Page - Siemens Semiconductor Group TDA4814A Datasheet HTML 7Page - Siemens Semiconductor Group TDA4814A Datasheet HTML 8Page - Siemens Semiconductor Group TDA4814A Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Semiconductor Group
3
TDA 4814
The TDA 4814 A contains all functions for designing electronic ballasts and switched-mode power
supplies with sinusoidal line current consumption and a power factor approaching 1.
They control a boost converter as an active harmonic filter in a discontinuous (triangular shaped
current) mode with variable frequency.
The output voltage of this filter is regulated with high efficiency. Therefore the device can easily be
operated on different line voltages (110/220 V
AC) without any switchover.
The on-chip start/stop circuit monitors the lamp generator of electronic ballasts. It starts a self-
oscillating lamp generator and shuts it down in the event of malfunction, e.g. if the lamp is defective.
A typical application is in electronic ballasts, especially when a large number of such lamps are
concentrated on one line supply point.
Besides that a separate driver ground (GND QSIP) is implemented.
The TDA 4814 A in a P-DIP-14-1 package.
Block Diagram


유사한 부품 번호 - TDA4814A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
Siemens Semiconductor G...
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
TDA4817G SIEMENS-TDA4817G Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
More results

유사한 설명 - TDA4814A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com