전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67000-A9230 데이터시트(PDF) 12 Page - Siemens Semiconductor Group

부품명 Q67000-A9230
부품 상세설명  SMPS-IC with MOSFET Driver Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9230 데이터시트(HTML) 12 Page - Siemens Semiconductor Group

Back Button Q67000-A9230 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 11Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 12Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 13Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 14Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 15Page - Siemens Semiconductor Group Q67000-A9230 Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TDA 4916 GG
Semiconductor Group
12
05.96
Current Drain2)
Hysteresis at
V
S
Turn-ON threshold
for
V
S rising
Turn-OFF threshold
for
V
S falling
V
SH
V
SL
8.0
7.9
9.1
9.0
10
9.9
V
V
1) C
T; RT (see oscillator nomogram).
2) The currents as V
S and VS QSIP are in each case without loads and without internal discharge to CR, as well
as with active output Q SIP.
Reference Voltage
Voltage
Load current
V
REF
I
REF
2.460
0
2.500
2.540
3
V
mA
I
REF = 250 µA;
V
S =12V
V
REF <30mV
Voltage change
Voltage change
V
REF
V
REF
5
3
mV
mV
0mA<
I
REF
< 500
µA
12 V <
V
S <14V
Temperature
response
Operate threshold
V
REF overcurrent
V
REF/
T
I
REFO
3
0.1
610
mV/K
mA
Frequency Generator
Nominal frequency
spread
f
F/fO
– 4
4
%
20 kHz <
f
O
< 150 kHz;
Q SYN to GND;
V
S =12V;
T
A =25 °C
Voltage dependence
of nominal
frequency
f
V/fO
–1
1
%
10 V<
V
S < 14.4 V;
T
A =25 °C;
relative to
f
O at 12 V;
20 kHz <
f
O
< 150 kHz
Characteristics (cont’d)
V
Son < VS < 15 V, – 25 °C < TA < 85 °C; VSon means that VS has exceeded VSH, but has
not gone below
V
SL.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


유사한 부품 번호 - Q67000-A9230

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
Q67000-A9230 INFINEON-Q67000-A9230 Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
More results

유사한 설명 - Q67000-A9230

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
Siemens Semiconductor Group
Siemens Semiconductor G...
TDA4918G SIEMENS-TDA4918G Datasheet
732Kb / 21P
   SMPS - IC with SIPMOS Driver Output
Sanken electric
Sanken electric
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
NXP Semiconductors
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
   SMPS control IC with synchronization function
2003 Aug 11
International Rectifier
International Rectifier
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
Fairchild Semiconductor
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
NXP Semiconductors
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA18362T PHILIPS-TEA18362T Datasheet
268Kb / 29P
   GreenChip SMPS control IC
Rev. 2-12 December 2013
TEA18361LT PHILIPS-TEA18361LT Datasheet
268Kb / 29P
   GreenChip SMPS control IC
Rev. 2-12 December 2013
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz