![]() |
전자부품 데이터시트 검색엔진 |
|
Q67000-A9230 데이터시트(PDF) 3 Page - Siemens Semiconductor Group |
|
Q67000-A9230 데이터시트(HTML) 3 Page - Siemens Semiconductor Group |
3 / 27 page ![]() TDA 4916 GG Semiconductor Group 3 05.96 Pin Definitions and Functions Pin No. Symbol Function 1 0V GND GND 2 V S Supply voltage 3 0V QSIP Ground QSIP 4 Q SIP SIPMOS driver 5 V S QSIP Supply voltage driver 6 SF Series feed 7 – I K5/– I K6 Current sensor negative input 8 + I K5 Current sensor K5 9 + I K6 Current turn-OFF K6 10 Q K6 Output K6 11 PO Pulse omission 12 C SS Soft start 13 I SYN Input synchronization 14 Q SYN Output synchronization 15 R T Frequency generator 16 C T Frequency generator 17 C R Ramp generator 18 I K4 Input undervoltage 19 I K3 Input overvoltage 20 I K1 Input K1 21 Q OP Output operational amplifier 22 – I OP Input operational amplifier 23 + I OP Input operational amplifier 24 V REF Reference voltage |
유사한 부품 번호 - Q67000-A9230 |
|
유사한 설명 - Q67000-A9230 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |